Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA01A18-LS Datasheet(PDF) 2 Page - Artesyn Technologies

Part # ASA01A18-LS
Description  Encapsulated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ASA01A18-LS Datasheet(HTML) 2 Page - Artesyn Technologies

  ASA01A18-LS Datasheet HTML 1Page - Artesyn Technologies ASA01A18-LS Datasheet HTML 2Page - Artesyn Technologies ASA01A18-LS Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ASA Series Data Sheet
Ordering Information
Model Number
Input Voltage
Output 1 Voltage
Output 2 Voltage
Maximum Power
ASA01F18-LS
9 - 3 6 V
3.3 V @ 1.2 A
3.96 W
ASA01A18-LS
9 - 3 6 V
5 V @ 1.00 A
5 W
ASA00B18-LS
9 - 3 6 V
12 V @ 0.50 A
6 W
ASA00C18-LS
9 - 3 6 V
15 V @ 0.40 A
6 W
ASA00AA18-LS
9 - 3 6 V
5 V @ 0.50 A
-5 V @ 0.5 A
5 W
ASA00BB18-LS
9 - 3 6 V
12 V @ 0.25 A
-12 V @ 0.25 A
6 W
ASA00CC18-LS
9 - 3 6 V
15 V @ 0.20 A
-15 V @ 0.20 A
6 W
ASA01F36-LS
18 - 75 V
3.3 V @ 1.2 A
3.96 W
ASA01A36-LS
18 - 75 V
5 V @ 1.00 A
5 W
ASA00B36-LS
18 - 75 V
12 V @ 0.50 A
6 W
ASA00C36-LS
18 - 75 V
15 V @ 0.40 A
6 W
ASA00AA36-LS
18 - 75 V
5 V @ 0.50 A
-5 V @ 0.5 A
5 W
AEE00BB36-LS
18 - 75 V
12 V @ 0.25 A
-12 V @ 0.25 A
6 W
ASA00CC36-LS
18 - 75 V
15 V @ 0.20 A
-15 V @ 0.20 A
6 W
Please contact Artesyn Embedded Technologies for information on other output voltages, power ranges and configurations. Available in RoHS 6 version only.
Mechanical Drawings
ASA (6W) Series
Single Output
Dual Output
Single Output



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com