Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA00AA36-LS Datasheet(PDF) 3 Page - Artesyn Technologies

Part # ASA00AA36-LS
Description  Encapsulated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ASA00AA36-LS Datasheet(HTML) 3 Page - Artesyn Technologies

  ASA00AA36-LS Datasheet HTML 1Page - Artesyn Technologies ASA00AA36-LS Datasheet HTML 2Page - Artesyn Technologies ASA00AA36-LS Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ASA Series Data Sheet
WORLDWIDE OFFICES
americas
2900S.DiabloWay
Tempe,AZ85282
USA
+18884127832
europe (uK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
+44(0)1384842211
asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
+85221763333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use
of this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Technologies, Inc. All other names
and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2014 All rights reserved.
www.artesyn.com
ASA6W DS Rev. 03.24.14
Mechanical Drawings
ASA (6W) Series
Single Output
Dual Output
Notes:
1. All specifications are subject to change without notice. Mechanical drawings are for reference only.
2. Warranty: 1 yr
3. Label and logo appearance may vary from what is shown on mechanical drawings.
Dual Output



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com