Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVO75 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AVO75
Description  Fixed switching frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AVO75 Datasheet(HTML) 2 Page - Artesyn Technologies

  AVO75 Datasheet HTML 1Page - Artesyn Technologies AVO75 Datasheet HTML 2Page - Artesyn Technologies AVO75 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AVO75 Series Data Sheet
Ordering Information
Model number
Input voltage
Output voltage
Power
AVO75-48S1V2-4
36 - 75 Vin
1.2V @ 25A
30W
AVO75-48S1V2P-4
36 - 75 Vin
1.2V @ 25A
30W
AVO75-48S1V8-4
36 - 75 Vin
1.8V @ 25A
45W
AVO75-48S1V8P-4
36 - 75 Vin
1.8V @ 25A
45W
AVO75-48S2V5-4
36 - 75 Vin
2.5V @ 25A
62.5W
AVO75-48S2V5P-4
36 - 75 Vin
2.5V @ 25A
62.5W
AVO75-48S3V3-4
36 - 75 Vin
3.3V @ 20A
66W
AVO75-48S05-4
36 - 75 Vin
5V @ 15A
75W
AVO75-48S05-6
36 - 75 Vin
5V @ 15A
75W
AVO75-48S05P-4
36 - 75 Vin
5V @ 15A
75W
AVO75-48S12P-4
36 - 75 Vin
12V @ 6.3A
75W
- Standard version is negative enable
- “-6” = 3.8mm pin length
- “-4” = 4.8mm pin length
- “-P” = Positive enable
Mechanical Drawings
Pin Length Option
Device Code Suffix
L
-4
4.8mm+/-0.5mm
-6
3.8mm+/-0.5mm
-8
2.8mm+/-0.25mm
NONE
5.8mm+/-0.5mm
Notes:
1. Un-dimensioned components are for visual reference only.
2. Pins 1~3, 5~7 are 1.0mm diameter with 2.0mm diameter standoff shoulders.
3. Pins 4, 8 are 1.5mm diameter with no standoff shoulders.
Top & pin side view



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com