Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVO240 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AVO240
Description  Fixed switching frequency
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AVO240 Datasheet(HTML) 2 Page - Artesyn Technologies

  AVO240 Datasheet HTML 1Page - Artesyn Technologies AVO240 Datasheet HTML 2Page - Artesyn Technologies AVO240 Datasheet HTML 3Page - Artesyn Technologies AVO240 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AVO240 Series Data Sheet
Ordering Information
Model number
Input voltage
Output voltage
Power
AVO240-48S12-6L
41 - 75 Vin
12 V @ 20 A
240 W
AVO240-48S12B-6L
41 - 75 Vin
12 V @ 20 A
240 W
AVO240-48S12P-6L
41 - 75 Vin
12 V @ 20 A
240 W
AVO240-48S12PB-6L
41 - 75 Vin
12 V @ 20 A
240 W
Standard version is negative enable
“-6” = 3.8 mm pin length
“-4” = 4.8 mm pin length
“-P” = Positive enable
“-B” = baseplate
Mechanical Drawings
AVO240-48S12-6L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com