Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW22N65D Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW22N65D
Description  N-channel Enhanced mode TO-247 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW22N65D Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW22N65D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW22N65D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW22N65D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW22N65D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW22N65D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW22N65D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2017. Rev. 2.0
1/6
SW22N65D
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
650
V
I
D
Continuous drain current (@T
C=25
oC)
22*
A
Continuous drain current (@T
C=100
oC)
14*
A
I
DM
Drain current pulsed
(note 1)
88
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
1327
mJ
E
AR
Repetitive avalanche energy
(note 1)
107
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
278
W
Derating factor above 25oC
2.2
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
0.45
oC/W
R
thja
Thermal resistance, Junction to ambient
35
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW T 22N65D
SW22N65D
TO-247
TUBE
N-channel Enhanced mode TO-247 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 0.22Ω)@VGS=10V
 Low Gate Charge (Typ 123nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: LED , Charge, PC Power
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 650V
I
D
: 22A
R
DS(ON) : 0.22Ω
1
2
3
TO-247
1
2
3


Similar Part No. - SW22N65D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW22N65D SEMIPOWER-SW22N65D_V01 Datasheet
649Kb / 6P
N-channel Enhanced mode TO-247 MOSFETS
Apr. 2019.
More results

Similar Description - SW22N65D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW24N50D SEMIPOWER-SW24N50D Datasheet
719Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N60K SEMIPOWER-SW38N60K Datasheet
815Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N65K SEMIPOWER-SW38N65K Datasheet
819Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N65KF SEMIPOWER-SW38N65KF Datasheet
838Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N70K SEMIPOWER-SW38N70K Datasheet
788Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW47N60K SEMIPOWER-SW47N60K Datasheet
847Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW47N65K SEMIPOWER-SW47N65K Datasheet
838Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW47N65KF SEMIPOWER-SW47N65KF Datasheet
825Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW69N65K2F SEMIPOWER-SW69N65K2F Datasheet
639Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW88N60K2 SEMIPOWER-SW88N60K2 Datasheet
672Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
May.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com