Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW47N65KF Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW47N65KF
Description  N-channel Enhanced mode TO-247 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW47N65KF Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW47N65KF Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW47N65KF Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW47N65KF Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW47N65KF Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW47N65KF Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW47N65KF Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Jun. 2016. Rev. 3.0
1/6
SW47N65KF
N-channel Enhanced mode TO-247 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
650
V
I
D
Continuous drain current (@T
C=25
oC)
47*
A
Continuous drain current (@T
C=100
oC)
29.6*
A
I
DM
Drain current pulsed
(note 1)
188
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
1500
mJ
E
AR
Repetitive avalanche energy
(note 1)
150
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
312.5
W
Derating factor above 25oC
2.5
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
0.4
oC/W
R
thja
Thermal resistance, Junction to ambient
39
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 650V
I
D
: 47A
R
DS(ON) : 60mΩ
1. Gate 2. Drain 3. Source
TO-247
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW T 47N65KF
SW47N65KF
TO-247
TUBE
1
2
3
Features
 High ruggedness
 Low R
DS(ON) (Typ 60mΩ)@VGS=10V
 Low Gate Charge (Typ 152nC)
 Extremely Low trr and Qrr
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:LED, UPS, Charge, Servicer
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.


Similar Part No. - SW47N65KF

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW47N65K SEMIPOWER-SW47N65K Datasheet
838Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
More results

Similar Description - SW47N65KF

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW22N65D SEMIPOWER-SW22N65D Datasheet
757Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW24N50D SEMIPOWER-SW24N50D Datasheet
719Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N60K SEMIPOWER-SW38N60K Datasheet
815Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N65K SEMIPOWER-SW38N65K Datasheet
819Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N65KF SEMIPOWER-SW38N65KF Datasheet
838Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N70K SEMIPOWER-SW38N70K Datasheet
788Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW47N60K SEMIPOWER-SW47N60K Datasheet
847Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW47N65K SEMIPOWER-SW47N65K Datasheet
838Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW69N65K2F SEMIPOWER-SW69N65K2F Datasheet
639Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW88N60K2 SEMIPOWER-SW88N60K2 Datasheet
672Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
May.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com