Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3500SCMC Datasheet(PDF) 28 Page - Teccor Electronics

Part # P3500SCMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3500SCMC Datasheet(HTML) 28 Page - Teccor Electronics

Back Button P3500SCMC Datasheet HTML 24Page - Teccor Electronics P3500SCMC Datasheet HTML 25Page - Teccor Electronics P3500SCMC Datasheet HTML 26Page - Teccor Electronics P3500SCMC Datasheet HTML 27Page - Teccor Electronics P3500SCMC Datasheet HTML 28Page - Teccor Electronics P3500SCMC Datasheet HTML 29Page - Teccor Electronics P3500SCMC Datasheet HTML 30Page - Teccor Electronics P3500SCMC Datasheet HTML 31Page - Teccor Electronics P3500SCMC Datasheet HTML 32Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 212 page
background image
High Surge Current (D-rated) SIDACtor Device
http://www.teccor.com
2 - 10
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
High Surge Current (D-rated) SIDACtor Device
DO-214AA SIDACtor solid state protection devices with a D surge rating protect
telecommunications equipment such as modems, line cards, fax machines, and other CPE.
These SIDACtor devices withstand simultaneous surges incurred in GR 1089 lightning
tests. (See "First Level Lightning Surge Test" on page 4-5.) Surge ratings are twice that of a
device with a C surge rating. This allows a discrete surface mount version of Teccor’s
patented “Y” configuration. (US Patent 4,905,119)
SIDACtor devices are used to enable equipment to meet various regulatory requirements
including GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-968 (formerly
known as FCC Part 68).
* For surge ratings, see table below.
** Contact factory for release date.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured at 1 MHz with a 2 V bias and is a typical value.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
P0080SD **
6
25
4
5
800
2.2
50
200
P0300SD **
25
40
4
5
800
2.2
50
220
P0640SD **
58
77
4
5
800
2.2
50
100
P0720SD **
65
88
4
5
800
2.2
50
100
P0900SD **
75
98
4
5
800
2.2
50
100
P1100SD
90
130
4
5
800
2.2
50
80
P1300SD
120
160
4
5
800
2.2
50
80
P1500SD
140
180
4
5
800
2.2
50
80
P1800SD
170
220
4
5
800
2.2
50
60
P2300SD
190
260
4
5
800
2.2
50
60
P2600SD
220
300
4
5
800
2.2
50
60
P3100SD
275
350
4
5
800
2.2
50
60
P3500SD
320
400
4
5
800
2.2
50
60
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
D
1000
800
400
300
200
50
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com