Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERM Datasheet(PDF) 4 Page - Artesyn Technologies

Part # ERM
Description  Fire potection meets EN45545-2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ERM Datasheet(HTML) 4 Page - Artesyn Technologies

  ERM Datasheet HTML 1Page - Artesyn Technologies ERM Datasheet HTML 2Page - Artesyn Technologies ERM Datasheet HTML 3Page - Artesyn Technologies ERM Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ERM 10W Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2017 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
ERM10 Series 09an2017
Notes:
1. All specifications are subject to change without notice. Mechanical drawings are for reference only.
2. Warranty: 3 years
3. Label and logo appearance may vary from what is shown on mechanical drawings.
Physical Characteristics
Heatsink Material
Aluminum
Finish
Black Anodized Coating
Weight
9 g
The advantages of adding a heatsink are:
1. To help heat dissipation and increase the stability and
reliability of DC/DC converters at high operating
temperature atmosphere.
2. To upgrade the operating temperature of DC/DC
converters, please refer to Derating Curve.
Mechanical Drawings
Heatsink for ERMxxxxxB Models (Option - HS)
Heatsink for ERMxxxxx Models (Option - HS)
31.0 [1.22]Max
Heat-sink
Thermal pad
Clamp
Converter
18.0 [0.71]Max
31.0 [1.22]Max
Heat-sink
Thermal pad
Clamp
Converter
18.0 [0.71]Max



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com