Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS55 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DPS55
Description  Fully regulated output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DPS55 Datasheet(HTML) 1 Page - Artesyn Technologies

  DPS55 Datasheet HTML 1Page - Artesyn Technologies DPS55 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER
DPS50
60 Watts
Total Power: 30 - 60 Watts
Input Voltage: 90 - 264 Vac
127 - 300 Vdc
# of Outputs: Single
Special FeatureS
ƒ
CE Mark EMC & LVD (except DPS52)
ƒ
Universal AC input
ƒ
Fully regulated output
ƒ
Overload and short circuit protection
ƒ
Internal remote sense
to the output plug
ƒ
Constant voltage
ƒ
Level V efficiency (except DPS52)
ƒ
High MTBF
ƒ
IEC320 AC receptacle, 3 pin (type C14)
ƒ
Built in EMI filter (CISPR 22 Class B)
ƒ
LED power good indicator
ƒ
Input power < 74 watts
ƒ
Complies with EN61000-3-2
ƒ
Meets Energy Star
SaFety
ƒ
UL
UL 60950-1
ƒ
CSA
CSA-C22.2 no.60950-1
ƒ
VDE
EN60950-1
ƒ
CE
EMC, LVD & ErP 2011
(except DPS52)
ƒ
CB
Certificate and report
ƒ
PSE
Denan 06-03051012
Electrical Specifications
Input
Input range
90 - 264 Vac (wide range)
Frequency
127 - 300 Vdc
Inrush current
47-440 Hz
Input current
< 60 A @ 230 Vac, cold start @ 25 °C
Efficiency
< 2.0 A rms @ 115 Vac; < 1 A @ 230 Vac
EMI/RFI
80% @ full load typical, @115 Vac
Safety ground leakage current FCC Part 15, Subpart B Class B & EN55022 (CISPR 22) Class B
0.5 mA @ 50/60 Hz, 264 Vac input
Output
Maximum Power (Po)
60 W (DPS52, 30 W)
Hold-up time
10ms. typical at full load @ 115 Vac
Overvoltage protection
20% - 45% above nominal output maximum
Latching type, recycle AC to reset.
Overcurrent protection
Output short circuit protection auto recover
Overload protected @ 120 - 150% above maximum rating
Cable/connector
DC cable with 2.5 mm center plug
DC plug center +v
DC plug outer -v
Environmental Specifications
Operating temperature:
0° to +40 °C ambient. -20 °C start up
Storage temperature:
-40 °C to +85 °C
Electromagnetic susceptibility: Designed to meet EN61000-4, -2, -3, -4, -5, -6, -8, -11, level 3
Humidity:
Operating; non-condensing 5% to 90% RH
Vibration:
Three orthogonal axes, 3 sweeps per axe at 1 oct/min. 2G peak 8 Hz to
500 Hz, operational
MTBF demonstrated:
> 550,000 hours at full load and 25 °C ambient conditions
Data Sheet


Similar Part No. - DPS55

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DPS55 ASTEC-DPS55 Datasheet
465Kb / 2P
DPS50 Series
logo
Emerson Network Power
DPS55 EMERSON-NETWORKPOWER-DPS55 Datasheet
456Kb / 2P
Universal AC input
logo
Astec America, Inc
DPS55-M ASTEC-DPS55-M Datasheet
465Kb / 2P
60 Watts
logo
Emerson Network Power
DPS55-M EMERSON-NETWORKPOWER-DPS55-M Datasheet
464Kb / 2P
Medical safety approvals
More results

Similar Description - DPS55

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MFW02 MINMAX-MFW02 Datasheet
407Kb / 5P
fully regulated output voltage
MFW03 MINMAX-MFW03 Datasheet
601Kb / 5P
fully regulated output voltage
MIDER03-HI MINMAX-MIDER03-HI Datasheet
591Kb / 4P
fully regulated output voltage
MIE03-HI MINMAX-MIE03-HI Datasheet
733Kb / 4P
fully regulated output voltage
MIE06-HI MINMAX-MIE06-HI Datasheet
728Kb / 4P
fully regulated output voltage
MIW10 MINMAX-MIW10 Datasheet
533Kb / 5P
fully regulated output voltage
MJWI15 MINMAX-MJWI15 Datasheet
502Kb / 10P
fully regulated output voltage
MJWI25 MINMAX-MJWI25 Datasheet
404Kb / 10P
fully regulated output voltage
MKE15-HI MINMAX-MKE15-HI Datasheet
418Kb / 5P
fully regulated output voltage
MKE20-HI MINMAX-MKE20-HI Datasheet
409Kb / 5P
fully regulated output voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com