Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS25 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LDS25
Description  Hot-wiring protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDS25 Datasheet(HTML) 2 Page - Artesyn Technologies

  LDS25 Datasheet HTML 1Page - Artesyn Technologies LDS25 Datasheet HTML 2Page - Artesyn Technologies LDS25 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LDS25 Series Data Sheet
Environmental Specifications
Criteria
Specification
Reference
Power Factor
> 0.9
Energy Star
Harmonics
Class C
IEC 61000-3-2
THD - Input Current
< 20%
ANSI C82.11
Surge Immunity
Level 3
IEC 61000-4-5
EMC Compliance
IEC 61000-4-2, -3, -4, -5, -6, -8, -11
Temperature (case)
-30 °C to +90 °C
Operating
Ingress Protection
IP20 and Open-Frame
Refer to model table for details
LDS25-36-H03F
LDS25-36-H03U
Mechanical Drawing
147.0 ± 0.5
134.0 ± 0.3
138.0 ± 0.3
4.5
Ø3.2 (x4)
cn2 mating connector
Vendor Name:
LANDWIN
Housing:
2020S0600
Contact:
2023T011V
200 ± 10
20 ± 5
200 ± 10
20 ± 5
154.5 ± 0.5
174.5 ± 0.5
163.0
L (Black or Brown)
N (White or Blue)
INPUT CABLE
OUTPUT CABLE
(Tin Plating)
(Lead Free)
(Tin Plating)
(Lead Free)
6 - 8 mm
RED / ORANGE
(out +)
GREEN
(out -)
BROWN
(reserved)
BLUE
(reserved)
WHITE / YELLOW
(SGND)
BLACK
(dimming)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com