Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS70 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LDS70
Description  Dimming options
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDS70 Datasheet(HTML) 3 Page - Artesyn Technologies

  LDS70 Datasheet HTML 1Page - Artesyn Technologies LDS70 Datasheet HTML 2Page - Artesyn Technologies LDS70 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WORLDWIDE OFFICES
americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
europe (uK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use of
this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc. All other
names and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2014 Artesyn Embedded Technologies, Inc.
www.artesyn.com
LDS70 Series Data Sheet
LDS70 DS Rev. 12.22.14
Ordering Information
Model
Number
Rated Output
Voltage
Rated Output Current
Current Adjust
Dimming Interface
IP Rating
LDS70-12-U00
12 Vdc
5.0 Adc
None
IP67
LDS70-12-H03
12 Vdc
5.0 Adc
1 - 10 V
IP67
LDS70-58-U00
58 Vdc
1.2 Adc
None
IP67
LDS70-58-U01
58 Vdc
1.2 Adc
DIP Switch
2-level
IP67
LDS70-58-H03
58 Vdc
1.2 Adc
1 - 10 V
IP67
LDS70-58-H04
58 Vdc
1.2 Adc
Programmable1
IP67
Notes:
1. The Dimming Interface on these highly-flexible models can be programmed via a Graphical User-Interface. The options include 0-10 V, 1-10 V
and Bi-Level dimming. Maximum and minimum current levels and threshold levels are also programmable.
Current Adjust and Dimming Description
DIP Switch (for model -U01 only)
Switch 1
Switch 2
-12 Model
-58 Model
ON
ON
5.00 Adc
1.2 Adc
OFF
ON
3.75 Adc
0.9 Adc
ON
OFF
2.50 Adc
0.6 Adc
OFF
OFF
1.25 Adc
0.3 Adc
0 - 10 V Between Purple & Grey Wires (for models -H03 only)
2 Level - External Switch between Purple & Grey Wires (for model -U01 only)
Switch
Open Current
CLOSED
At Programmed Level
OPEN
At 20% of Rated Level
Output
Current
1 – 10 V
Signal
100%
10%
1 V
10 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com