Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS100 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LDS100
Description  Dimming options
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDS100 Datasheet(HTML) 2 Page - Artesyn Technologies

  LDS100 Datasheet HTML 1Page - Artesyn Technologies LDS100 Datasheet HTML 2Page - Artesyn Technologies LDS100 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LDS100 Series Data Sheet
Environmental Specifications
Criteria
Specification
Reference
Power Factor
> 0.9
Energy Star
Harmonics
Class C
IEC 61000-3-2
THD - Input Current
< 20%
ANSI C82.11
Surge Immunity
Level 3
6 kV ring wave
IEC 61000-4-5
ANSI C62.41
EMC Compliance
IEC 61000-4-2, -3, -4, -5, -6, -8, -11
Temperature (case)
-40 °C to 90 °C
Operating
Ingress Protection
IP67
Refer to model table for details
Mechanical Miscellaneous
Criteria
Specification
Reference
Input Wiring
300 mm
3-wire
Output Wiring
300 mm
4-wire
Weight
625 grams
Mechanical Drawing
235.0
215.0
350±10
UL1015 18AWG ×2C
UL1015 18AWG ×3C
OUTPUT:
Red (+)
Black (-)
Ø5
(2PL
)
227.5
225.5
350±10
INPUT:
BLACK (L)
Green/Yellow (GR)
White (N)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com