Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ200-M Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LPQ200-M
Description  Medical and ITE safeties
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPQ200-M Datasheet(HTML) 2 Page - Artesyn Technologies

  LPQ200-M Datasheet HTML 1Page - Artesyn Technologies LPQ200-M Datasheet HTML 2Page - Artesyn Technologies LPQ200-M Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LPQ200-M Series Data Sheet
Environmental Specifications
Operating temperature
0 °C to 50 °C ambient derate each output as 2.5% per degree from 50 °C to 70 °C. -20 °C start up
Storage temperature
-40 °C to +85 °C
Electromagnetic susceptibility
Designed to meet EN61000-4; -2, -3, -4, -5, -6, -8, -11 Level 3
Humidity
Operating; non-condensing 10% to 90% RH, non-operating, non-condensing 10 - 95%
Vibration
IEC68-2-6 to the levels of IEC721-3-2
MTBF calculated
516,000 hours at full load and 25 °C ambient conditions. 230 Vac input, Bellcore
Ordering Information
Model Number
Output Voltage
Minimum
Load
Maximum Load with
Convection Cooling
Maximum Load with
30CFM Forced Air
Peak Load
Regulation2
Ripple
P/P (PARD)3
LPQ201-M
+3.3 V
0 A
13 A
18 A
20 A
± 2%
50 mV
+5 V
0 A
13 A
18 A
20 A
± 2%
50 mV
+12 V
0 A
5 A
9 A
10 A
± 5%
120 mV
-12 V
0 A
1 A
2 A
2.5 A
± 5%
120 mV
LPQ202-M
+5 V
0 A
13 A
18 A
20 A
± 2%
50 mV
+12 V
0 A
5 A
9 A
10 A
± 5%
120 mV
+24 V
0 A
1.5 A
3 A
3.5 A
±
5%
240 mV
-12 V
0 A
1 A
2 A
2.3 A
± 5%
120 mV
Pin Assignments
Connector
LPQ200-M
SK1
PIN 1
Neutral
PIN 3
Line
SK2
PIN 1
V1 OUT
PIN 2
V2 OUT
PIN 3
GND OUT
PIN 4
GND OUT
PIN 5
GND OUT
PIN 6
GND OUT
PIN 7
V3 OUT
PIN 8
V4 OUT
SK3
PIN 1
+V1 Remote sense
PIN 2
-V1 Remote sense
PIN 3
N/C
PIN 4
N/C
PIN 5
+Power fail
PIN 6
Common
PIN 7
N/C
PIN 8
Common
PIN 9
+V2 Remote Sense (LPQ201-M only)
PIN 10
-V2 Remote Sense (LPQ201-M only)
Mating Connectors
AC Input (SK1)
Molex 09-50-3031 (connector)
PINS: 08-52-0072
AC Ground
Molex 01-90020001
DC Output (SK2)
Terminal block
Wire size based on Cable Ampacity/AWG
Control Signals
(SK3)
Molex 90142-0010 (USA)
PINS: 90119-2110 or
AMP: 87977-3
PINS: 87309-8
Artesyn Embedded Technologies Connector Kit #70-841-027,
includes all of the above.
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ± 0.02” (± 0.5 mm)
3. Mounting holes MH1 and MH2 should be grounded for EMI purposes.
4. Mounting hole MH1 is safety ground connection.
5. Specifications are for convection rating at factory settings at 115 Vac input, 25 °C
unless otherwise stated.
6. This power supply requires mounting on metal standoffs 0.20” (5 m) in height.
7. Warranty: 2 years
8. Weight: 1.5 lbs/0.68 kg
1. Peak current lasting < 30 seconds with a maximum 10% duty cycle.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF (tantalum capacitor) in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
4. This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be operated as a standalone product. EMC
compliance to appropriate standards must be verified at the system level. This product is for sale to OEMs and System Integrators, including through Distribution Channels. It
is not intended for sale to End Users.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com