Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERM02A110 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # ERM02A110
Description  Fire potection meets EN45545-2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ERM02A110 Datasheet(HTML) 2 Page - Artesyn Technologies

  ERM02A110 Datasheet HTML 1Page - Artesyn Technologies ERM02A110 Datasheet HTML 2Page - Artesyn Technologies ERM02A110 Datasheet HTML 3Page - Artesyn Technologies ERM02A110 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ERM 10W Series Data Sheet
Ordering Information
Model Number
Input Voltage
Output
Efficiency @ Max Load
Max Power
ERM02A18
9 - 36 Vin
5 V @ 2 A
84%
10 W
ERM00B18
9 - 36 Vin
12 V @ 0.835 A
86%
10 W
ERM00C18
9 - 36 Vin
15 V @ 0.67 A
87%
10 W
ERM00H18
9 - 36 Vin
24 V @ 0.417 A
88%
10 W
ERM00BB18
9 - 36 Vin
± 12 V @ 0.417 A
86%
10 W
ERM00CC18
9 - 36 Vin
± 15 V @ 0.335 A
87%
10 W
ERM02A36
18 - 75 Vin
5 V @ 2 A
85%
10 W
ERM00B36
18 - 75 Vin
12 V @ 0.83 A
87%
10 W
ERM00C36
18 - 75 Vin
15 V @ 0.67 A
87%
10 W
ERM00H36
18 - 75 Vin
24 V @ 0.41 A
86%
10 W
ERM00BB36
18 - 75 Vin
± 12 V @ 0.417 A
89%
10 W
ERM00CC36
18 - 75 Vin
± 15 V @ 0.335 A
88%
10 W
ERM02A110
40 - 160 Vin
5 V @ 2 A
82%
10 W
ERM00B110
40 - 160 Vin
12 V @ 0.83 A
85%
10 W
ERM00C110
40 - 160 Vin
15 V @ 0.67 A
85%
10 W
ERM00H110
40 - 160 Vin
24 V @ 0.41 A
85%
10 W
ERM00BB110
40 - 160 Vin
± 12 V @ 0.417 A
86%
10 W
ERM00CC110
40 - 160 Vin
± 15 V @ 0.335 A
86%
10 W
ERM02A18B
9 - 36 Vin
5 V @ 2 A
84%
10 W
ERM00B18B
9 - 36 Vin
12 V @ 0.83 A
86%
10 W
ERM00C18B
9 - 36 Vin
15 V @ 0.67 A
87%
10 W
ERM00H18B
9 - 36 Vin
24 V @ 0.41 A
88%
10 W
ERM00BB18B
9 - 36 Vin
± 12 V @ 0.417 A
86%
10 W
ERM00CC18B
9 - 36 Vin
± 15 V @ 0.335 A
87%
10 W
ERM02A36B
18 - 75 Vin
5 V @ 2 A
85%
10 W
ERM00B36B
18 - 75 Vin
12 V @ 0.83 A
87%
10 W
ERM00C36B
18 - 75 Vin
15 V @ 0.67 A
87%
10 W
ERM00H36B
18 - 75 Vin
24 V @ 0.41 A
86%
10 W
ERM00BB36B
18 - 75 Vin
± 12 V @ 0.417 A
89%
10 W
ERM00CC36B
18 - 75 Vin
± 15 V @ 0.335 A
88%
10 W
ERM02A110B
40 - 160 Vin
5 V @ 2 A
82%
10 W
ERM00B110B
40 - 160 Vin
12 V @ 0.83 A
85%
10 W
ERM00C110B
40 - 160 Vin
15 V @ 0.67 A
85%
10 W
ERM00H110B
40 - 160 Vin
24 V @ 0.41 A
85%
10 W
ERM00BB110B
40 - 160 Vin
± 12 V @ 0.417 A
86%
10 W
ERM00CC110B
40 - 160 Vin
± 15 V @ 0.335 A
86%
10 W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com