Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS355 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NTS355
Description  Single wire current sharing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NTS355 Datasheet(HTML) 2 Page - Artesyn Technologies

  NTS355 Datasheet HTML 1Page - Artesyn Technologies NTS355 Datasheet HTML 2Page - Artesyn Technologies NTS355 Datasheet HTML 3Page - Artesyn Technologies NTS355 Datasheet HTML 4Page - Artesyn Technologies NTS355 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LPS100-M Series Data Sheet
NTS350 Series Data Sheet
Logic Control
Power failure
TTL logic signal goes high 100 - 500 msec after main output. It goes low at least 4 msec before loss of regulation
Remote on/off
Requires an external contact closure to inhibit outputs
DC OK
TTL logic goes high after the output is in regulation. It goes low when there is loss of regulation.
Remote sense
Compensates for 0.5 V lead drop min. Will operate without remote sense connected. Reverse connection protected.
Ordering Information
Model Number Output Voltage Minimum Load
Maximum Load
with Convection
Cooling
Maximum Load
with 30CFM
Forced Air
Peak Load1
Regulation2
Ripple
P/P (PARD)3
NTS353
12 V
0 A
16.6 A
29.2 A
33 A
± 2%
120 mV
NTS355
24 V
0 A
8.3 A
14.6 A
16.5 A
± 2%
240 mV
NTS358
48 V
0 A
4.2 A
7.3 A
8.2 A
± 2%
480 mV
NTS359
54 V
0 A
3.7 A
6.5 A
7.4 A
± 2%
540 mV
1. Peak current lasting < 30 seconds with a maximum 10% duty cycle.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF (tantalum capacitor) in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
4. CF suffix added to the model number indicates cover with top fan. -CEF suffix added to the model number indicates cover with end mounted
fan cover and AC inlet
5. This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be operated
as a standalone product. EMC compliance to appropriate standards must be verified at the system level. This product is for sale to OEMs and
System Integrators, including through Distribution Channels. It is not intended for sale to End Users.
Environmental Specifications
Operating temperature:
0° to 50 °C ambient derate each output as 2.5% per degree from 50° to 70 °C.
Storage temperature:
-40 °C to +85 °C
Electromagnetic susceptibility: Designed to meet EN61000-4; -2, -3, -4, -5, -6, -8, -11 Level 3
Humidity:
Operating; non-condensing 10% to 90% RH
Vibration:
Three orthogonal axes, sweep at
1 oct/min, 5 min. dwell at four major resonances. 2 G peak 8 Hz to 500 Hz, operational
MTBF demonstrated:
1M hours at full load and 25 °C ambient conditions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com