Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW60N06V2 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW60N06V2
Description  N-channel Enhanced mode TO-251 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW60N06V2 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW60N06V2 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW60N06V2 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW60N06V2 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW60N06V2 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW60N06V2 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW60N06V2 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Apr. 2016. Rev. 2.0
1/6
SW60N06V2
N-channel Enhanced mode TO-251 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
60
V
I
D
Continuous drain current (@T
C=25
oC)
60*
A
Continuous drain current (@T
C=100
oC)
38*
A
I
DM
Drain current pulsed
(note 1)
240
A
V
GS
Gate to source voltage
± 20
V
E
AS
Single pulsed avalanche energy
(note 2)
286
mJ
E
AR
Repetitive avalanche energy
(note 1)
19
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
137.4
W
Derating factor above 25oC
1.1
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
0.91
oC/W
R
thja
Thermal resistance, Junction to ambient
81
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 60V
I
D
: 60A
R
DS(ON) : 9mΩ @VGS=4.5V
8.2m
Ω @V
GS=10V
1. Gate 2. Drain 3. Source
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW I 60N06V2
SW60N06V2
TO-251
TUBE
Features
 High ruggedness
 Low R
DS(ON) (Typ 9mΩ)@VGS=4.5V
(Typ 8.2m
Ω)@V
GS=10V
 Low Gate Charge (Typ 73nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:Telecom, Computer, Inverter
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including
Fast switching time, low on resistance, low gate charge and especially excellent
Avalanche characteristics.
TO-251
1
2
3


Similar Part No. - SW60N06V2

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW60N06V1 SEMIPOWER-SW60N06V1 Datasheet
715Kb / 6P
N-channel Enhancement mode TO-251MOSFET
More results

Similar Description - SW60N06V2

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW051R08ES-1 SEMIPOWER-SW051R08ES-1 Datasheet
654Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW069R06VT SEMIPOWER-SW069R06VT Datasheet
817Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW070R08VT SEMIPOWER-SW070R08VT Datasheet
646Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
N-channel Enhanced mode TO-252/TO-251 MOSFET
SW4N65DB SEMIPOWER-SW4N65DB Datasheet
768Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW70N08V SEMIPOWER-SW70N08V Datasheet
636Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW80N04V SEMIPOWER-SW80N04V Datasheet
804Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW80N06V1 SEMIPOWER-SW80N06V1 Datasheet
930Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
SW80N08V SEMIPOWER-SW80N08V Datasheet
727Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW80N08V1 SEMIPOWER-SW80N08V1 Datasheet
887Kb / 6P
N-channel Enhanced mode TO-251/DFN5*6 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com