Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW540 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW540
Description  N-channel Enhanced mode TO-252/TO-220 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW540 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW540 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW540 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW540 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW540 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW540 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW540 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Dec. 2016. Rev. 2.0
1/6
SW540
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-252
TO-220
V
DSS
Drain to source voltage
100
V
I
D
Continuous drain current (@T
C=25
oC)
32*
A
Continuous drain current (@T
C=100
oC)
20*
A
I
DM
Drain current pulsed
(note 1)
128
A
V
GS
Gate to source voltage
± 20
V
E
AS
Single pulsed avalanche energy
(note 2)
117
mJ
E
AR
Repetitive avalanche energy
(note 1)
12
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
83
125
W
Derating factor above 25oC
0.7
1.0
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-252
TO-220
R
thjc
Thermal resistance, Junction to case
1.5
1.0
oC/W
R
thja
Thermal resistance, Junction to ambient
56.7
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW D 540
SW540
TO-252
REEL
2
SW P 540
SW540
TO-220
TUBE
N-channel Enhanced mode TO-252/TO-220 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 32mΩ)@VGS=10V
 Low Gate Charge (Typ 48nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: Synchronous Rectification,
Li Battery Protect Board, Inverter.
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 100V
I
D
: 32A
R
DS(ON) : 32mΩ
1
2
3
TO-252
1
2
3
TO-220
1
2
3


Similar Part No. - SW540

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
SW5 4DSYSTEMS-SW5 Datasheet
3Mb / 20P
microOLED Display Modules
REVISION: 1.5
logo
Alpha Wire
SW5 ALPHAWIRE-SW5 Datasheet
386Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
SW50 ALPHAWIRE-SW50 Datasheet
386Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
Aavid, Thermal Division...
SW50-2G AAVID-SW50-2G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
SW50-2G AAVID-SW50-2G Datasheet
8Mb / 116P
How to Use This Catalog
More results

Similar Description - SW540

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW069R10VS SEMIPOWER-SW069R10VS Datasheet
714Kb / 7P
N-channel Enhanced mode DFN5*6/TO-251/TO-252/TO-220 MOSFET
SW5N65K SEMIPOWER-SW5N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW20N20D SEMIPOWER-SW20N20D Datasheet
639Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW50N06V2 SEMIPOWER-SW50N06V2 Datasheet
593Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW7N60K2F SEMIPOWER-SW7N60K2F Datasheet
647Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW7N70K SEMIPOWER-SW7N70K Datasheet
944Kb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-220 MOSFET
SW9N10V SEMIPOWER-SW9N10V Datasheet
839Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW9N50D SEMIPOWER-SW9N50D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-220/TO-252 MOSFET
SW70N10V SEMIPOWER-SW70N10V Datasheet
1,000Kb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220 MOSFET
SW065R68E7T SEMIPOWER-SW065R68E7T Datasheet
689Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
Aug. 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com