Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYPE Datasheet(PDF) 1 Page - Rohm

Part # TYPE
Description  Zener diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TYPE Datasheet(HTML) 1 Page - Rohm

  TYPE Datasheet HTML 1Page - Rohm TYPE Datasheet HTML 2Page - Rohm TYPE Datasheet HTML 3Page - Rohm TYPE Datasheet HTML 4Page - Rohm TYPE Datasheet HTML 5Page - Rohm TYPE Datasheet HTML 6Page - Rohm TYPE Datasheet HTML 7Page - Rohm TYPE Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VDZ12B
Diodes
Rev.B
1/4
Zener diode
VDZ12B
Application
External dimensions (Unit : mm)
Land size figure (Unit : mm)
Voltage regulation
Features
1) Ultra small mold type (VMD2).
2) High reliability.
3) By chip-mounter, automatic mounting
is possible.
Structure
Construction
Silicon Epitaxial Planer
Taping specification (Unit : mm)
Absolute maximum ratings (Ta=25 C)
Symbol
Unit
Pm
Tj
Tstg
Topr
Operating temperature
-55 to +150
Parameter
Junction temperature
Storage temperature
Power dissipation
Limits
150
-55 to +150
100
W


Similar Part No. - TYPE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TYPE-LA ETC2-TYPE-LA Datasheet
117Kb / 1P
DC Ammeter Shunts
TYPE-LB ETC2-TYPE-LB Datasheet
109Kb / 1P
170 through 600 Amperes
logo
Mini-Circuits
TYPE-N_SMA MINI-TYPE-N_SMA Datasheet
53Kb / 1P
50OHM, DC to 18 GHz
logo
Frontier Electronics.
TYPE5106 FRONTIER-TYPE5106 Datasheet
120Kb / 1P
TV Convergence & Width coils
TYPE5106-LFR FRONTIER-TYPE5106-LFR Datasheet
120Kb / 1P
TV Convergence & Width coils
More results

Similar Description - TYPE

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ68B ROHM-PTZ68B Datasheet
773Kb / 5P
Zener diode
logo
AUK corp
SDZ5V6D AUK-SDZ5V6D Datasheet
33Kb / 3P
Zener Diode
logo
Diodes Incorporated
KDZ3.6B DIODES-KDZ3.6B Datasheet
128Kb / 5P
Zener diode
logo
Rohm
KDZ5.1B ROHM-KDZ5.1B Datasheet
134Kb / 5P
Zener diode
KDZ6.2B ROHM-KDZ6.2B Datasheet
134Kb / 5P
Zener diode
UMZ8.2N ROHM-UMZ8.2N_1 Datasheet
187Kb / 3P
Zener diode
logo
AUK corp
SDZ5V1 AUK-SDZ5V1 Datasheet
40Kb / 3P
Zener Diode
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
1 Watt Zener Diode Zener Diode
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com