Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2N7002KA Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2N7002KA
Description  N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2N7002KA Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2N7002KA Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2N7002KA Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2N7002KA Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2N7002KA Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2N7002KA Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2N7002KA Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2N7002KA Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE2N7002KA
N-Channel Enhancement Mode MOSFET
VER 1.1
1
Description
The ACE2N7002KA is the N-Channel enhancement mode field effect transistors are produced using
high cell density DMOS technology. These products have been designed to minimize on-state resistance
while provide rugged, reliable, and fast switching performance. They can be used in most applications
requiring up to 640mA DC and can deliver pulsed currents up to 950mA. These products are particularly
suited for low voltage, low current applications such as small servo motor control, power MOSFET gate
drivers, and other switching applications.
Features
60V/0.50A , RDS(ON)= 3.0Ω@VGS=10V
60V/0.20A , RDS(ON)= 3.5Ω@VGS=4.5V
Super high density cell design for extremely low RDS (ON)
Exceptional on-resistance and maximum DC current capability
TSOT-23-3 package design
Applications
Drivers: Relays, Solenoids, Lamps, Hammers, Display, Memories, Transistors, etc.
High saturation current capability. Direct Logic-Level Interface: TTL/CMOS
Battery Operated Systems
Solid-State Relays
Absolute Maximum Ratings
(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (TJ=150℃)
TA=25℃
ID
0.3
A
Pulsed Drain Current(*)
IDM
0.8
A
Power Dissipation
TA=25℃
PD
0.35
A
Operating Junction Temperature
TJ
-55~150
W
Storage Temperature Range
TSTG
-55~150
OC
Thermal Resistance-Junction to Ambient
RθJA
350
OC /W
(*) Pulse width limited by safe operating area


Similar Part No. - ACE2N7002KA

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2N7002KU ACE-ACE2N7002KU Datasheet
407Kb / 9P
N-Channel Enhancement Mode MOSFET
VER 1.1
ACE2N7002KUCMH ACE-ACE2N7002KUCMH Datasheet
407Kb / 9P
N-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE2N7002KA

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com