Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6002ACMC Datasheet(PDF) 142 Page - Teccor Electronics

Part # P6002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P6002ACMC Datasheet(HTML) 142 Page - Teccor Electronics

Back Button P6002ACMC Datasheet HTML 138Page - Teccor Electronics P6002ACMC Datasheet HTML 139Page - Teccor Electronics P6002ACMC Datasheet HTML 140Page - Teccor Electronics P6002ACMC Datasheet HTML 141Page - Teccor Electronics P6002ACMC Datasheet HTML 142Page - Teccor Electronics P6002ACMC Datasheet HTML 143Page - Teccor Electronics P6002ACMC Datasheet HTML 144Page - Teccor Electronics P6002ACMC Datasheet HTML 145Page - Teccor Electronics P6002ACMC Datasheet HTML 146Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 212 page
background image
UL 60950 3rd Edition (formerly UL 1950, 3rd edition)
http://www.teccor.com
4 - 18
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
* Voltage peak or DC
** Voltage rms (sinusoidal)
Note: F = Functional
B/S = Basic/Supplementary
R = Reinforced
Note: Linear interpolation is permitted between the nearest two points, the calculated spacing being rounded to the next higher 0.1 mm
increment.
The following separations require the specified insulation grade:
• TNV3 from TNV3 — functional insulation
• TNV3 from SELV — basic insulation
• TNV3 from TNV1 — basic insulation
• TNV3 from TNV2 — basic insulation
Table 4.15 Minimum Clearances in Secondary Circuits (millimeters)
Working
Voltage up
to and
including
Nominal AC Mains Supply voltage
£ 150 V
(transient rating for Secondary
Circuit 800 V)
Nominal AC Mains Supply voltage
> 150 V
£ 300 V
(transient rating for Secondary
Circuit 1500 V)
Nominal AC
Mains Supply
voltage
> 300 V
£ 600 V
(transient rating
for Secondary
Circuit 2500 V)
Circuit Not
Subject to
Transient
Overvoltages
V *
V **
Pollution
Degrees 1 and 2
Pollution
Degree 3
Pollution
Degrees 1 and 2
Pollution
Degree 3
Pollution
Degrees
1, 2, and 3
Pollution
Degrees 1 and 2
only
F
B/S
R
F
B/S
R
F
B/S
R
F
B/S
R
F
B/S
R
F
B/S
R
71
50
0.4
0.7
1.4
1
1.3
2.6
0.7
1
2
1
1.3
2.6
1.7
2
4
0.4
0.4
0.8
140
100
0.6
0.7
1.4
1
1.3
2.6
0.7
1
2
1
1.3
2.6
1.7
2
4
0.6
0.7
1.4
210
150
0.6
0.9
1.8
1
1.3
2.6
0.7
1
2
1
1.3
2.6
1.7
2
4
0.6
0.7
1.4
280
200
F 1.1; B/S 1.4; R 2.8
1.7
2
4
1.1
1.1
2.2
420
300
F 1.6; B/S 1.94; R 3.8
1.7
2
4
1.4
1.4
2.8
Table 4.16 Minimum Creepage Distances (millimeters)
Working
Voltage
V
RMS or DC
Functional, Basic, and Supplementary Insulation
Pollution Degree 1
Pollution Degree 2
Pollution Degree 3
Material Group
Material Group
Material Group
I, II, IIIa, or IIIb
I
II
IIIa or IIIb
I
II
IIIa or IIIb
£ 50
Use the Clearance from the
appropriate table
0.6
0.9
1.2
1.5
1.7
1.9
100
0.711.4
1.822.2
125
0.8
1.1
1.5
1.9
2.1
2.4
150
0.8
1.1
1.6
2
2.2
2.5
200
1
1.4
2
2.5
2.8
3.2
250
1.3
1.8
2.5
3.2
3.6
4
300
1.6
2.2
3.2
4
4.5
5
400
2
2.8
4
5
5.6
6.3
600
3.2
4.5
6.3
8
9.6
10
800
4
5.6
8
10
11
12.5
1000
5
7.1
10
12.5
14
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com