Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6002ACMC Datasheet(PDF) 145 Page - Teccor Electronics

Part # P6002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P6002ACMC Datasheet(HTML) 145 Page - Teccor Electronics

Back Button P6002ACMC Datasheet HTML 141Page - Teccor Electronics P6002ACMC Datasheet HTML 142Page - Teccor Electronics P6002ACMC Datasheet HTML 143Page - Teccor Electronics P6002ACMC Datasheet HTML 144Page - Teccor Electronics P6002ACMC Datasheet HTML 145Page - Teccor Electronics P6002ACMC Datasheet HTML 146Page - Teccor Electronics P6002ACMC Datasheet HTML 147Page - Teccor Electronics P6002ACMC Datasheet HTML 148Page - Teccor Electronics P6002ACMC Datasheet HTML 149Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 212 page
background image
UL 60950 3rd Edition (formerly UL 1950, 3rd edition)
© 2002 Teccor Electronics
4 - 21
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Passes 1, 2, 3, 4, and 5 shown in Figure 4.5 refer respectively to Tests L1 and M1, L2 and
M2, L3 and M3, L4 and M4, and L5 shown in Table 4.17.
Equipment may be subject to the overvoltage tests shown in Table 4.17. The tests are
designed to simulate the following:
• Contact with primary power
• Short-term induction as a result of a primary power fault to a multi-earth neutral
• Long duration power fault to Ground
• Direct contact between the power mains and a telecommunications cable
Notes:
• ISDN S/T interface only L1, L2, L5, M1, and M2.
• Reduce to 135% rated value of fuse if Test 3 resulted in open condition.
• L4 and M4 are conducted only if SIDACtor VS
³ 285 VS and then run at voltage level just below VS.
• For test conditions M1, L1, M5, and L5 a wiring simulator (MDL 2 A fuse) is used.
• Compliance means no ignition or charring of the cheesecloth, and/or the wiring simulator does not open.
• If the secondary protector simulator is used (MDQ 1.6), it is allowed to open.
• Tests 2, 3, and 4 are required only if the unit is not a fire enclosure.
• Figure 4.6 and Figure 4.7 show the M (metallic) and L (longitudinal) test connections.
Figure 4.6 Metallic Connection Appearances
Table 4.17 UL 60950 Overvoltage Test
Test
Voltage
(VRMS)
Current
(A)
Time
Comments
L1
600 V
40
1.5 s
L2
600 V
7
5 s
L3
600 V
2.2
30 min
Reduce to 135% fuse rating
L4
200 V
2.2
30 min
Reduce to 135% fuse rating
L5
120 V
25
30 min
M1
600 V
40
1.5 s
M2
600 V
7
5 s
M3
600 V
2.2
30 min
Reduce to 135% fuse rating
M4
600 V
2.2
30 min
Reduce to 135% fuse rating
Equipment
Under Test
Telecommunication
Network Connection
Points
Secondary Protector
Simulator or
Wiring Station
Timed
Switch
Current
Limiting
Resistor
Variable
Voltage
Source
Equipment
Earth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com