Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC128 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE24AC128
Description  Two-wire Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC128 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE24AC128 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24AC128 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC128 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC128 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC128 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC128 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC128 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC128 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC128 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ACE24AC128
Two-wire Serial EEPROM
VER 1.1
4
Memory Organization
The ACE24AC128 devices have 256 pages respectively. Since each page has 64 bytes, random word
addressing to ACE24AC128 will require 14 bits data word addresses respectively.
Device Operation
(A)
Serial Clock And Data Transitions
The SDA pin is typically pulled to high by an external resistor. Data is allowed to change only when
Serial clock SCL is at VIL. Any SDA signal transition may interpret as either a start or stop condition
as described below.
(B)
Start Condition
With SCL VIH, a SDA transition from high to low is interpreted as a start condition. All valid commands
must begin with a start condition.
(C)
Stop Condition
With SCL VIH, a SDA transition from low to high is interpreted as a stop condition. All valid read or
write commands end with a stop condition. The device goes into the standby mode if it is after a read
command. A stop condition after page or byte write command will trigger the chip into the standby
mode after the self-timed internal programming finish (see Figure 1).
(D)
Acknowledge
The 2-wire protocol transmits address and data to and from the EEPROM in 8 bit words. The
EEPROM acknowledges the data or address by outputting a "0" after receiving each word. The
acknowledge signal occurs on the 9
th serial clock after each word.
(E)
Standby Mode
The EEPROM goes into low power standby mode after a fresh power up, after receiving a stop bit in
read mode, or after completing a self-time internal programming operation.
Figure 1: Timing diagram for start and stop conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com