Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE803ND Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE803ND
Description  3-Pin Microprocessor Reset Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE803ND Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE803ND Datasheet HTML 1Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 2Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 3Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 4Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 5Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 6Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 7Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 8Page - ACE Technology Co., LTD. ACE803ND Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE803ND
3-Pin Microprocessor Reset Circuits
VER 1.1
2
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to 6.0
V
-0.3 to 6.0
ICC
Input Current, VCC
20
mA
IO
Output Current,
20
mA
Rate of Rise, VCC
100
V/μs
PD
Continuous Power
Dissipation
SOT-323
(Derate 2.17mW/°C above 70°C)
174
mW
SOT23-3
(Derate 4mW/°C above 70°C)
320
TA
Operating
Temperature Range
SOT323
-40 to 125
°C
SOT23-3
-40 to 105
TSTG
Storage Temperature Range
-65 to 150
°C
Lead Temperature (Soldering, 10s)
300
°C
Note:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Packaging Type
SOT-323/SOT-23-3
Pin
Number
Pin
Name
Function
1
GND
Ground
2
RESET
RESET Output remains low while V
CC is below the reset threshold, and for at
least 140ms after V
CC rises above the reset threshold.
3
Vcc
+5V, +3.3V, +3V or +2.5V Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com