Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1060B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1060B
Description  N-Channel Super Trench Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1060B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1060B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1060B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1060B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1060B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1060B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1060B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE1060B
N-Channel Super Trench Power MOSFET
VER 1.2
1
Description
ACE1060B uses Super Trench technology that is uniquely optimized to provide the most efficient high
frequency switching performance. Both conduction and switching power losses are minimized due to an
extremely low combination of RDS(ON) and Qg. This device is ideal for high-frequency switching and
synchronous rectification.
Features
VDS=100V, ID=60A
RDS(ON)1@VGS=10V, TYP 7.2mΩ
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Continuous)*AC
TA=25℃
ID
60
A
TA=100℃
52
Drain Current (Pulsed)*B
IDM
240
A
Power Dissipation
TA=25℃
PD
105
W
Operating temperature / storage temperature
TJ/TSTG
-55~150
℃
A: The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.
Packaging Type
DFN5*6-EP
Ordering information
ACE1060B XX + H
PN: DFN5*6-EP
Pb - free
Halogen - free


Similar Part No. - ACE1060B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACE100 ETC2-ACE100 Datasheet
201Kb / 4P
Evaluation Kit For A/D Converters
logo
RHOPOINT COMPONENTS
ACE100 RHOPOINT-ACE100 Datasheet
209Kb / 4P
Evaluation Kit For ADC100 Series A/D Converters
logo
Fairchild Semiconductor
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001E FAIRCHILD-ACE1001E Datasheet
510Kb / 32P
Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001EM8 FAIRCHILD-ACE1001EM8 Datasheet
510Kb / 32P
Arithmetic Controller Engine (ACEx?? for Low Power Applications
More results

Similar Description - ACE1060B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM185N30DF RECTRON-RM185N30DF Datasheet
245Kb / 6P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Foster Semicon...
FIR150N10PG FOSTER-FIR150N10PG Datasheet
1Mb / 7P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HMS20N15K HMSEMI-HMS20N15K Datasheet
500Kb / 7P
N-Channel Super Trench Power MOSFET
HMS4296B HMSEMI-HMS4296B Datasheet
489Kb / 6P
N-Channel Super Trench Power MOSFET
HMS150N06D HMSEMI-HMS150N06D Datasheet
596Kb / 7P
N-Channel Super Trench Power MOSFET
HMS110N15 HMSEMI-HMS110N15 Datasheet
527Kb / 7P
N-Channel Super Trench Power MOSFET
HMS65N03Q HMSEMI-HMS65N03Q Datasheet
524Kb / 5P
N-Channel Super Trench Power MOSFET
HMS80N15 HMSEMI-HMS80N15 Datasheet
615Kb / 6P
N-Channel Super Trench Power MOSFET
HMS4240 HMSEMI-HMS4240 Datasheet
733Kb / 7P
N-Channel Super Trench Power MOSFET
logo
Shanghai Leiditech Elec...
LMPC100N20 LEIDITECH-LMPC100N20 Datasheet
770Kb / 6P
N-Channel Super Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com