Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1084 Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE1084
Description  1A Bipolar Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1084 Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE1084 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ACE1084
1A Bipolar Linear Regulator
VER 1.2
6
Detailed Description
ACE1084 is a series of low dropout voltage three terminal regulators. Its circuit has a trimmed band gap
reference to ensure output voltage accuracy independent of temperature variance. On-chip thermal
shutdown provides protection against overload and conditions as elevated ambient temperature.
Its application circuitry requires minimum number of external components. Both fixed voltage and
adjustable voltage versions need input and output capacitors to assure output voltage stability. Any
desired output voltage from 1.25V to 10V can be achieved with adjustable version by assigning proper
values to two external resistors in its application circuitry (as shown in Figure.1, as R1, R2 are the two
external resistors.).
Typical Application
ACE1084 has an adjustable version and fixed versions, Figure.1 shows their typical application circuitry.
A 10uF tan capacitor connected between input and GND as bypass capacitor and a 22uF tan capacitor
between output and GND are recommended for all application.
Using a bypass capacitor (CAdj) between the adjust terminal and ground can improve ripple rejection. The
bypass capacitor prevents ripple from being amplified in case the output voltage is increased. The
impedance of CAdj should be less than the resistance of R1 to prevent ripple from being amplified at any
frequency. As R1 is normally in the range of 120Ω~200Ω, the value of C
Adj should satisfy the following
condition:
1/(2π* Frequency
Ripple *Cadj)<R1
A 10µF tan capacitor is recommended.
Figure1. Typical Application of ACE1084



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com