Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE6604B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE6604B
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE6604B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE6604B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE6604B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE6604B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE6604B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE6604B Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ACE6604B
N-Channel Enhancement Mode Power MOSFET
VER 1.1
2
Ordering information
ACE6604B XX + H
Electrical Characteristics TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-source breakdown voltage
V(BR)DSS
VGS=0V, ID=250µA
60
V
Zero gate voltage drain current
IDSS
VDS=60V, VGS=0V
1
µA
Gate threshold voltage
VGS(th)
VGS=VDS, IDS=250µA
1.2
1.6
2.5
V
Gate leakage current
IGSS
VGS=±20V, VDS=0V
±100
µA
Drain-source on-state resistance
RDS(ON)
VGS=10V, ID=30A
4.6
5.6
mΩ
VGS=4.5V, ID=15A
5.3
7
Forward Trans conductance
gFS
VDS =10V, ID= 3A
15
S
Diode forward voltage
VSD
ISD=1A, VGS=0V
1.2
V
Maximum body-diode
continuous current
IS
85
A
Switching
Total Gate Charge
Qg
VGS=4.5V, VDS=30V,
ID=10A
33
nC
Gate-Source Charge
Qgs
11
Gate-Drain Charge
Qgd
12
Turn-on Delay Time
td (on )
VDD=15V, ID=1A,
VGS=10V,RG=3.3
Ω
21
ns
Turn-on Rise Time
tr
17
Turn-off Delay Time
td(off)
72
Turn-off Fall Time
tf
21
Dynamic
Input Capacitance
Ciss
VGS=0V, VDS=25V,
f=1.0MHz
4750
pF
Output Capacitance
Coss
330
Reverse Transfer Capacitance
Crss
161
PN: DFN5*6-EP
Pb - free
Halogen - free



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com