Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1DF Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # S1DF
Description  Surface Mount General Purpose Silicon Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

S1DF Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  S1DF Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. S1DF Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. S1DF Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
S1AF THRU S1MF
Surface Mount General Purpose Silicon Rectifiers
Reverse Voltage - 50 to 1000 V
Forward Current - 1 A
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
Maximum Instantaneous Forward Voltage at 1 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum DC Reverse Current
= 25
°C
at Rated DC Blocking Voltage
=125
°C
Ta
Ta
(1)
Typical Junction Capacitance
(2)
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
1
30
1.1
5
50
15
80
27
-55 ~ +150
A
A
V
μA
pF
°C
Maximum Ratings and Electrical characteristics
Typical Thermal Resistance
RθJA
R
θJC
°C/W
Cj
T , T
j
stg
Symbols
Units
FEATURES
For surface mounted applications
Low profile package
Glass Passivated Chip Junction
Easy to pick and place
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SMAF
Terminals: Solderable per MIL-STD-750, Method 2026
pprox. Weight: 27mg / 0.00095oz
•
•
•
•
•
•
•
• A
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Top View
Marking Code
: S1A-S1M
Simplified outline SMAF and symbol
1
2
S1AF
S1BF
S1DF
S1GF
S1JF
S1KF
S1MF
Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)
(1)
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
Maximum Average Forward Rectified Current
at T = 125
°C
c
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
2016 Rev 1.0


Similar Part No. - S1DF

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
S1DF YENYO-S1DF Datasheet
204Kb / 2P
1.0A General Purpose Rectifier
logo
Microdiode Semiconducto...
S1DF CHENDA-S1DF Datasheet
646Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S1DF YFWDIODE-S1DF Datasheet
119Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Chongqing Pingwei Enter...
S1DF CHONGQING-S1DF Datasheet
177Kb / 1P
1.0AMP. GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
logo
Guangdong Juxing Electr...
S1DF JUXING-S1DF Datasheet
639Kb / 3P
Surface Mount Standard Rectifiers
More results

Similar Description - S1DF

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
Shanghai Yint Electroni...
S3AC YINT-S3AC Datasheet
495Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S3AB YINT-S3AB Datasheet
494Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S2ABF YINT-S2ABF Datasheet
498Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
G801DS YFWDIODE-G801DS Datasheet
486Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Dongguan Pingjingsemi T...
M1-PJ PJSEMI-M1-PJ Datasheet
902Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S2AF-PJ PJSEMI-S2AF-PJ Datasheet
561Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
S3ABF-PJ PJSEMI-S3ABF-PJ Datasheet
693Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
M1F YFWDIODE-M1F Datasheet
472Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
SHIKUES Electronics
S2ABF SKTECHNOLGY-S2ABF Datasheet
439Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com