Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLM2ACR11W Datasheet(PDF) 1 Page - SunLED Corporation

Part # XLM2ACR11W
Description  Low power consumption
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XLM2ACR11W Datasheet(HTML) 1 Page - SunLED Corporation

  XLM2ACR11W Datasheet HTML 1Page - SunLED Corporation XLM2ACR11W Datasheet HTML 2Page - SunLED Corporation XLM2ACR11W Datasheet HTML 3Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: XLM2ACR11W
T-1 (3mm) SOLID STATE LAMP
Oct 18,2016
XDSB2615 V7-X Layout: Maggie L.
P. 1/3
Features
● Radial / Through hole package
● Reliable & robust
● Low power consumption
● Available on tape and reel
● RoHS Compliant
Absolute Maximum Ratings
(TA=25°C)
Red
(AlGaInP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PD
84
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
Package Schematics
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Red
(AlGaInP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.2
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.8
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission CIE127-2007* (Typ.)
(IF=20mA)
λP
640*
nm
Wavelength of Dominant
Emission CIE127-2007* (Typ.)
(IF=20mA)
λD
625*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
△
λ
25
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
27
pF
Operating Characteristics
(TA=25°C)
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Wavelength
CIE127-2007*
nm
λP
Viewing
Angle
2θ 1/2
min.
typ.
XLM2ACR11W
Red
AlGaInP
Water Clear
2300
1300*
4090
2390*
640*
30°
Luminous Intensity
CIE127-2007*
(IF=20mA)
mcd
*Luminous intensity value and wavelength are in accordance with CIE127-2007 standards.
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES


Similar Part No. - XLM2ACR11W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XLM2CRK11W SUNLED-XLM2CRK11W Datasheet
224Kb / 3P
Low power consumption
XLM2CRK12W SUNLED-XLM2CRK12W Datasheet
234Kb / 3P
Low power consumption
XLM2CRK14W SUNLED-XLM2CRK14W Datasheet
231Kb / 3P
Available on tape and reel
XLM2CRK169W SUNLED-XLM2CRK169W Datasheet
231Kb / 3P
Low power consumption
XLM2CRK20DLSDLCR SUNLED-XLM2CRK20DLSDLCR Datasheet
230Kb / 3P
Low power consumption
More results

Similar Description - XLM2ACR11W

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
STR2-16W-130 HB-STR2-16W-130 Datasheet
53Kb / 2P
Low power consumption
STR3 HB-STR3 Datasheet
52Kb / 2P
Low power consumption
logo
Kingbright Corporation
APG1005RWF-T-5MAV KINGBRIGHT-APG1005RWF-T-5MAV Datasheet
245Kb / 6P
Low power consumption
APG1608SURKC-T KINGBRIGHT-APG1608SURKC-T Datasheet
244Kb / 5P
Low power consumption
APHHS1005LCGCK KINGBRIGHT-APHHS1005LCGCK Datasheet
226Kb / 5P
Low power consumption
APHHS1005LSYCK-J3-PF KINGBRIGHT-APHHS1005LSYCK-J3-PF Datasheet
255Kb / 5P
Low power consumption
APHHS1005LZGCK-V KINGBRIGHT-APHHS1005LZGCK-V Datasheet
262Kb / 5P
Low power consumption
APT1608LSECK-J4-PRV KINGBRIGHT-APT1608LSECK-J4-PRV Datasheet
233Kb / 5P
Low power consumption
APG0603RWF-TT-5MAV KINGBRIGHT-APG0603RWF-TT-5MAV Datasheet
248Kb / 6P
Low power consumption
APTD1608LSYCK-J3-PF KINGBRIGHT-APTD1608LSYCK-J3-PF Datasheet
237Kb / 5P
Low power consumption
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com