Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW7N65DW Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW7N65DW
Description  N-channel Enhanced mode TO-263 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW7N65DW Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW7N65DW Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65DW Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65DW Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65DW Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65DW Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW7N65DW Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
SW7N65DW
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
650
V
I
D
Continuous drain current (@T
C=25
oC)
7*
A
Continuous drain current (@T
C=100
oC)
4.4*
A
I
DM
Drain current pulsed
(note 1)
28
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
151
mJ
E
AR
Repetitive avalanche energy
(note 1)
14
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
179
W
Derating factor above 25oC
1.4
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
0.7
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW B 7N65DW
SW7N65DW
TO-263
TUBE
N-channel Enhanced mode TO-263 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 0.96Ω)@VGS=10V
 Low Gate Charge (Typ 34nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: LED , Charge, PC Power
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 650V
I
D
: 7A
R
DS(ON) : 0.96Ω
1
2
3
TO-263
1
2
3
Jan. 2017. Rev. 3.0
1/6


Similar Part No. - SW7N65DW

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW7N65D SEMIPOWER-SW7N65D Datasheet
724Kb / 7P
N-channel Enhanced mode TO-220/TO-251/TO-251N/TO-252/TO-220F MOSFET
SW7N65DA SEMIPOWER-SW7N65DA Datasheet
923Kb / 7P
N-channel Enhanced mode TO-251N/TO-262N/TO-252 MOSFET
Jun. 2018
More results

Similar Description - SW7N65DW

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW029R06ET SEMIPOWER-SW029R06ET Datasheet
742Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
SW031R06ET SEMIPOWER-SW031R06ET Datasheet
728Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
SW035R08ET SEMIPOWER-SW035R08ET Datasheet
756Kb / 6P
N-channel Enhanced mode TO-263 MOSFET
SW045R08ET SEMIPOWER-SW045R08ET Datasheet
665Kb / 6P
N-channel Enhanced mode TO-263 MOSFET
SW055R10ET SEMIPOWER-SW055R10ET Datasheet
1Mb / 6P
N-channel Enhanced mode TO-263/TO-220 MOSFET
SW072R06ET SEMIPOWER-SW072R06ET Datasheet
1Mb / 6P
N-channel Enhanced mode TO-263/TO-220 MOSFET
SW072R08ET SEMIPOWER-SW072R08ET Datasheet
841Kb / 6P
N-channel Enhanced mode TO-263/TO-220 MOSFET
SW090R08ET SEMIPOWER-SW090R08ET Datasheet
812Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
SW055R68E7T SEMIPOWER-SW055R68E7T Datasheet
822Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
Apr. 2019.
SW068R08ET SEMIPOWER-SW068R08ET Datasheet
859Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
Sep. 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com