Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW9N50D Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW9N50D
Description  N-channel Enhanced mode TO-220F/TO-220/TO-252 MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW9N50D Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW9N50D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW9N50D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW9N50D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW9N50D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW9N50D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW9N50D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW9N50D Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2016. Rev. 3.0
1/7
N-channel Enhanced mode TO-220F/TO-220/TO-252 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220F
TO-220
TO-252
V
DSS
Drain to source voltage
500
V
I
D
Continuous drain current (@T
C=25
oC)
9*
A
Continuous drain current (@T
C=100
oC)
5.7*
A
I
DM
Drain current pulsed
(note 1)
36
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
462
mJ
E
AR
Repetitive avalanche energy
(note 1)
64
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
23.3
200
181
W
Derating factor above 25oC
0.19
1.6
1.4
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-220F
TO-220
TO-252
R
thjc
Thermal resistance, Junction to case
5.36
0.63
0.69
oC/W
R
thja
Thermal resistance, Junction to ambient
53
60
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 500V
I
D
: 9A
R
DS(ON) : 0.68Ω
1. Gate 2. Drain 3. Source
TO-220F
TO-220
SW9N50D
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW F 9N50D
SW9N50D
TO-220F
TUBE
2
SW P 9N50D
SW9N50D
TO-220
TUBE
3
SW D 9N50D
SW9N50D
TO-252
REEL
1
2
3
1
2 3
Features
 High ruggedness
 Low R
DS(ON) (Typ 0.68Ω)@VGS=10V
 Low Gate Charge (Typ 31nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: DC-DC,LED,PC
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
TO-252
1
2
3


Similar Part No. - SW9N50D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW9N10V SEMIPOWER-SW9N10V Datasheet
839Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW9N10V1 SEMIPOWER-SW9N10V1 Datasheet
558Kb / 5P
N-channel Enhanced mode TO-252 MOSFET
SW9N90 SEMIPOWER-SW9N90 Datasheet
1Mb / 7P
N-channel MOSFET
SW9N90B SEMIPOWER-SW9N90B Datasheet
697Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
More results

Similar Description - SW9N50D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N50K SEMIPOWER-SW10N50K Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-220/TO-247/TO-251N/TO-252 MOSFET
SW10N70K SEMIPOWER-SW10N70K Datasheet
1Mb / 6P
N-channel Enhanced mode TO-220F/TO-252 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW7N65D SEMIPOWER-SW7N65D Datasheet
724Kb / 7P
N-channel Enhanced mode TO-220/TO-251/TO-251N/TO-252/TO-220F MOSFET
SW7N65K SEMIPOWER-SW7N65K Datasheet
991Kb / 7P
N-channel Enhanced mode TO-220F/TO-220SF/TO-251/ TO-252/TO-220 MOSFET
SW7N65K2 SEMIPOWER-SW7N65K2 Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW7N70K SEMIPOWER-SW7N70K Datasheet
944Kb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-220 MOSFET
SW8N65D SEMIPOWER-SW8N65D Datasheet
1Mb / 8P
N-channel Enhanced mode TO-220/TO-251/TO-252/TO-220F/TO-251NX MOSFET
SW8N70K SEMIPOWER-SW8N70K Datasheet
776Kb / 6P
N-channel Enhanced mode TO-220F/TO-252 MOSFET
SW4N70L SEMIPOWER-SW4N70L Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-251N/TO-252 MOSFET
Mar. 2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com