Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW9N90B Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW9N90B
Description  N-channel Enhanced mode TO-220 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW9N90B Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW9N90B Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW9N90B Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW9N90B Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW9N90B Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW9N90B Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW9N90B Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Oct. 2015. Rev. 2.0
1/6
SW9N90B
N-channel Enhanced mode TO-220 MOSFET
Absolute maximum ratings·
Symbol
Parameter
Value
Unit
VDSS
Drain to source voltage
900
V
ID
Continuous drain current (@TC=25oC)
9*
A
Continuous drain current (@TC=100oC)
5.7*
A
IDM
Drain current pulsed
(note 1)
36
A
VGS
Gate to source voltage
±30
V
EAS
Single pulsed avalanche energy
(note 2)
680
mJ
EAR
Repetitive avalanche energy
(note 1)
100
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
PD
Total power dissipation (@TC=25oC)
245
W
Derating factor above 25oC
1.96
W/oC
TSTG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
TL
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
Rthjc
Thermal resistance, Junction to case
0.51
oC/W
Rthja
Thermal resistance, Junction to ambient
58
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 900V
I
D
: 9A
R
DS(ON)
: 1.34Ω
1. Gate 2. Drain 3. Source
TO-220
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW P 9N90B
SW9N90B
TO-220
TUBE
1
2
3
Features
 High ruggedness
 Low R
DS(ON) (Typ 1.34Ω)@VGS=10V
 Low Gate Charge (Typ 36nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:UPS, SMPS
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.


Similar Part No. - SW9N90B

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW9N90 SEMIPOWER-SW9N90 Datasheet
1Mb / 7P
N-channel MOSFET
More results

Similar Description - SW9N90B

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW100R10VT SEMIPOWER-SW100R10VT Datasheet
653Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW150N06A SEMIPOWER-SW150N06A Datasheet
739Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW160R12VT SEMIPOWER-SW160R12VT Datasheet
627Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW340R10ET SEMIPOWER-SW340R10ET Datasheet
831Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW75N75B SEMIPOWER-SW75N75B Datasheet
681Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SWP090R08ET SEMIPOWER-SWP090R08ET Datasheet
878Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SWP098R13CT SEMIPOWER-SWP098R13CT Datasheet
566Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW055R06E7T SEMIPOWER-SW055R06E7T Datasheet
583Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
May.2022.
SW058R72E7T SEMIPOWER-SW058R72E7T Datasheet
829Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
Sep. 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com