Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFB0924VH-R00 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # FFB0924VH-R00
Description  THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FFB0924VH-R00 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  FFB0924VH-R00 Datasheet HTML 1Page - Delta Electronics, Inc. FFB0924VH-R00 Datasheet HTML 2Page - Delta Electronics, Inc. FFB0924VH-R00 Datasheet HTML 3Page - Delta Electronics, Inc. FFB0924VH-R00 Datasheet HTML 4Page - Delta Electronics, Inc. FFB0924VH-R00 Datasheet HTML 5Page - Delta Electronics, Inc. FFB0924VH-R00 Datasheet HTML 6Page - Delta Electronics, Inc. FFB0924VH-R00 Datasheet HTML 7Page - Delta Electronics, Inc. FFB0924VH-R00 Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPECIFICATION FOR APPROVAL
Customer
_____
Description
DC FAN
__
Part No.
_________REV.
______
Delta Model No. __ FFB0924VH-R00 __
REV. _ 00
Sample Issue No.
Sample Issue Date __JAN.19.2012
PLEASE SEND ONE COPY OF THIS SPECIFICAITON BACK
AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-
ARRANGMENT.
APPROVED BY:
DATE
:
DELTA ELECTRONICS, INC.
TAOYUAN PLANT
252, SHANG YING ROAD, KUEI SAN INDUSTRIAL ZONE TAOYUAN
SHIEN, TAIWAN, R.O.C
.
TEL:886-(0)3-3591968
FAX:886-(0)3-3591991


Similar Part No. - FFB0924VH-R00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FFB0924VHE ETC2-FFB0924VHE Datasheet
200Kb / 1P
92 x 92 x 38 MM SERIES
logo
Delta Electronics, Inc.
FFB0924VHE DELTA-FFB0924VHE Datasheet
354Kb / 7P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results

Similar Description - FFB0924VH-R00

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFC0712DB-F00 DELTA-AFC0712DB-F00 Datasheet
745Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFC0712DD-TP10 DELTA-AFC0712DD-TP10 Datasheet
856Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFC1212D-F00 DELTA-AFC1212D-F00 Datasheet
814Kb / 10P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFC1212D-SP19 DELTA-AFC1212D-SP19 Datasheet
827Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFL28A2LU-BRA01 DELTA-AFL28A2LU-BRA01 Datasheet
1Mb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
ASB0312HA-AF00 DELTA-ASB0312HA-AF00 Datasheet
572Kb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
ASB0312MA-CF00 DELTA-ASB0312MA-CF00 Datasheet
798Kb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AUB0412HDYFM DELTA-AUB0412HDYFM Datasheet
967Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
BFB0712HD DELTA-BFB0712HD Datasheet
1Mb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
BFB1224H-T50R DELTA-BFB1224H-T50R Datasheet
465Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com