Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSBKS9UG42292-R2-W88 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LSBKS9UG42292-R2-W88
Description  DUAL COLOR LED LAMPS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBKS9UG42292-R2-W88 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSBKS9UG42292-R2-W88 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBKS9UG42292-R2-W88 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBKS9UG42292-R2-W88 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBKS9UG42292-R2-W88 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBKS9UG42292-R2-W88 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSBKS9UG42292-R2-W88 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSBKS9UG42292-R2-W88 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PART NO.
3/6
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1.5
1.0
1.25
Fig.2 Relative Intensity vs. Forward Current
30
20
25
0.5
0.25
15
10
5
5
0
0
Forward Current(mA)
Fig.4 Relative Intensity vs. Wavelength
0.75
SBK-S CHIP
30
15
20
25
10
5
4
3
2
1
Forward Voltage(V)
0
40
Fig.3 Forward Current vs. Temperature
Fig.1 Forward current vs. Forward Voltage
Typical Electro-Optical Characteristics Curve
0.5
680
630
580
430
480
480
0
100
380
530
Wavelength (nm)
30
10
20
50
75
0
25
0
Ambient Temperature(
℃)
1.0
LSBKS9UG42292/R2-W88



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com