Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA231AIYFFT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFFT
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231AIYFFT Datasheet(HTML) 39 Page - Texas Instruments

Back Button INA231AIYFFT Datasheet HTML 35Page - Texas Instruments INA231AIYFFT Datasheet HTML 36Page - Texas Instruments INA231AIYFFT Datasheet HTML 37Page - Texas Instruments INA231AIYFFT Datasheet HTML 38Page - Texas Instruments INA231AIYFFT Datasheet HTML 39Page - Texas Instruments INA231AIYFFT Datasheet HTML 40Page - Texas Instruments INA231AIYFFT Datasheet HTML 41Page - Texas Instruments INA231AIYFFT Datasheet HTML 42Page - Texas Instruments INA231AIYFFT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
12X (
)
0.23
(0.4) TYP
(0.4) TYP
(
)
METAL
0.23
0.05 MAX
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
(
)
SOLDER MASK
OPENING
0.23
0.05 MIN
DSBGA - 0.625 mm max height
YFF0012
DIE SIZE BALL GRID ARRAY
4222191/A 07/2015
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints. For more information,
see Texas Instruments literature number SNVA009 (www.ti.com/lit/snva009).
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:30X
C
1
2
3
A
B
D
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DETAILS
NOT TO SCALE
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com