Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F0084 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F0084
Description  Cord-free Vacuum Cleaner ASSP Flash MCU
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0084 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F0084 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F0084 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F0084 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F0084 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F0084 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F0084 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F0084 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F0084 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F0084 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 160 page
background image
Rev. 1.00
1�
�a��� 1�� �01�
Rev. 1.00
13
�a��� 1�� �01�
HT45F0084
Cord-free Vacuum Cleaner ASSP Flash MCU
A.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fCPU
Ope�ating Clo�k
VLVR~5.5V
—
DC
—
�.5
�Hz
VLVR~5.5V
—
DC
—
15.0
�Hz
fSYS
System Clo�k (HIRC)
VLVR~5.5V
—
—
—
�.5
�Hz
VLVR~5.5V
—
—
—
15.0
�Hz
fHIRC
HIRC F�equen�y (Note)
5V
Ta=�5°C
-�%
30
�%
�Hz
5V
Ta=-40°C ~ 85°C
-�%
30
�%
�Hz
4.5V~5.5V Ta=-40°C ~ 85°C
-10%
30
10%
�Hz
3V~5.5V Ta=-40°C ~ 85°C
-15%
30
15%
�Hz
VLVR~5.5V Ta=-40°C ~ 85°C
-�5%
30
�5%
�Hz
fLIRC
System Clo�k (LIRC)
5V
Ta=�5°C
-10%
3�
+10%
kHz
VLVR~5.5V Ta=-40°C to 85°C
-30%
3�
+60%
kHz
tTI�ER
TCKn Input Pin �inimum Pulse Widt�
—
—
—
150
—
ns
tINT
Inte��upt �inimum Pulse Widt�
—
—
1
3.3
5
μs
tEERD
EEPRO� Read Time
—
—
—
�
4
tSYS
tEEWR
EEPRO� W�ite Time
—
—
—
�
4
ms
tSST
System Sta�t-up Time� Pe�iod
(Wake-up f�om HALT�
fSYS off at HALT state
—
fSYS=HIRC
10
16
��
tSYS
System Sta�t-up Time� Pe�iod
(Wake-up f�om HALT�
fSYS off at HALT state)
—
fSYS=LIRC
1
�
6
tSYS
System Sta�t-up Time� Pe�iod
(Wake-up f�om HALT�
fSYS on at HALT state)
—
fSYS=LIRC
1
�
6
tSYS
tRSTD
System Reset Delay Time
(Powe� On Reset)
—
—
�5
50
100
ms
System Reset Delay Time
(Any Reset ex�ept Powe� On Reset)
—
—
8.3
16.�
33.3
ms
Note:1.tSYS=1/fSYS
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1μFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedeviceaspossible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com