Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F4630 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F4630
Description  DC Motor Driver ASSP MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F4630 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F4630 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F4630 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F4630 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F4630 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F4630 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F4630 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F4630 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F4630 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F4630 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 153 page
background image
Rev. 1.00
1�
���i� 1�� �01�
Rev. 1.00
13
���i� 1�� �01�
HT45F4630
DC Motor Driver ASSP MCU
HT45F4630
DC Motor Driver ASSP MCU
A.C. Characteristics
Ta= -40°C~85°C, unless otherwise specified
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fSYS
System C�ock
4.5V~5.5V
—
3�
—
1�000 kHz
fHIRC
High S�eed Inte�na� RC
Osci��ato� (HIRC)
—
Ta= -40°C~85°C
-1�%
8
+4%
MHz
Ta= -�0°C~85°C
-9%
8
+4%
Ta=�5°C
-�%
8
+�%
Ta= -40°C~85°C
-1�% 1�
+4%
Ta= -�0°C~85°C
-9%
1�
+4%
Ta=�5°C
-�%
1�
+�%
Ta= -40°C~85°C
-1�% 1�
+4%
Ta= -�0°C~85°C
-9%
1�
+4%
Ta=�5°C
-�%
1�
+�%
fHXT
High S�eed Exte�na� C�ysta�
Osci��ato� (HXT)
3V~5.5V
—
0.4
—
4
MHz
4.5V~5.5V
—
0.4
—
8
4.5V~5.5V
—
0.4
—
1�
4.5V~5.5V
—
0.4
—
1�
tRSTD
System Reset De�ay Time
(Powe� On Reset)
—
—
�5
50
100
ms
System Reset De�ay Time
(�ny Reset exce�t Powe� On
Reset)
�.�V~5.5V
—
8.3
1�.7 33.3
ms
tSST
System Sta�t-u� Time� Pe�iod
(Wake-u� f�om Powe� Down
Mode and fSYS Off)
—
fSYS=fLXT
10�4
—
—
tLXT
—
fSYS=fHXT ~ fHXT / �4
1�8
—
—
tHXT
—
fSYS=fHIRC ~ fHIRC / �4
1�
—
—
tHIRC
—
fSYS=fLIRC
�
—
—
tLIRC
System Sta�t-u� Time� Pe�iod
(Slow Mode ↔ Normal Mode,
o� fH=fHIRC ↔ fHXT�
o� fSUB=fLIRC ↔ fLXT)
—
fHXT off → on (HTO=1)
10�4
—
—
tHXT
—
fHIRC off → on (HTO=1)
1�
—
—
tHIRC
—
fLXT off → on (LTO=1)
10�4
—
—
tLXT
System Sta�t-u� Time� Pe�iod
(Wake-u� f�om Powe� Down
Mode and fSYS On)
—
fSYS=fH~fH/�4�
fH=fHXT o� fHIRC
�
—
—
tH
—
fSYS=fLXT o� fLIRC
�
—
—
tSUB
System Sta�t-u� Time� Pe�iod
(WDT Time-out Ha�dwa�e
Co�d Reset)
—
—
0
—
—
tH
tEERD
EEPROM Read Time
—
—
—
45
90
μs
tEEWR
EEPROM W�ite Time
—
—
—
�
4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com