Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45FM30 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45FM30
Description  Brushless DC Motor Flash MCU
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM30 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45FM30 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45FM30 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45FM30 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45FM30 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45FM30 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45FM30 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45FM30 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45FM30 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45FM30 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 188 page
background image
Rev. 1.20
12
De�e��e� 1�� 201�
Rev. 1.20
13
De�e��e� 1�� 201�
HT45FM30
Brushless DC Motor Flash MCU
Pad Name
Function
OPT
I/T
O/T
Description
PC2/SCK/SCL/C2X/
PWM2H
PC2
PCPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up
SCK
—
ST
CMOS SPI Se�ial Clo�k
SCL
—
ST
NMOS I2C Clo�k
C2X
CP2C
—
CMOS Co�pa�ato� 2 output
PWM2H
PRM1
PWMC1
—
CMOS PWM output
PC3/SCS/C3X/PWM2L
PC3
PCPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up .
SCS
—
ST
CMOS SPI Slave Sele�t
C3X
CP3C
—
CMOS Co�pa�ato� 3 output
PWM2L
PRM1
PWMC1
—
CMOS PWM output
VDD
VDD
—
PWR
—
Positive powe� supply
VSS
VSS
—
PWR
—
Negative powe� supply� GND
Note:Thepinsinthetableareforthelargestpackagesize.Asaresultsomepinsonthesmallerpackagesmaynot
exist.
I/T:Inputtype;O/T:Outputtype
OPT:Optionalbyregisteroption
PWR:Power;ST:SchmittTriggerinput
AN:Analoginputpin
CMOS:CMOSoutput
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS-0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS-0.3VtoVDD+0.3V
StorageTemperature..................................................................................................-50°Cto150°C
OperatingTemperature................................................................................................-40°Cto85°C
IOHTotal..................................................................................................................................-100mA
IOLTotal................................................................................................................................... 100mA
TotalPowerDissipation........................................................................................................ 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximum
Ratings"maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatother
conditionsbeyondthoselistedinthespecificationisnotimpliedandprolongedexposuretoextreme
conditionsmayaffectdevicereliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com