Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F302 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT66F302
Description  Cost-Effective Flash MCU with EEPROM
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F302 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT66F302 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 129 page
background image
Rev. 1.11
12
April 11, 2017
Rev. 1.11
13
April 11, 2017
HT66F302/HT66F303
Cost-Effective Flash MCU with EEPROM
HT66F302/HT66F303
Cost-Effective Flash MCU with EEPROM
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ.
Max. Unit
VDD
Conditions
VDD
Operating Voltage (HIRC)
— fSYS=fHIRC=4MHz
1.8
—
5.5
V
fSYS=fHIRC=8MHz
1.8
—
5.5
V
IDD
Operating Crrent (HIRC)
3V No load, all peripherals off,
fSYS=fHIRC=4MHz
—
0.5
1.0
mA
5V
—
1.2
1.8
mA
3V No load, all peripherals off,
fSYS=fHIRC=8MHz
—
1.0
2.0
mA
5V
—
2.0
3.0
mA
Operating Current (LIRC)
3V No load, all peripherals off,
fSYS=fLIRC=32kHz
—
20
30
μA
5V
—
30
60
μA
ISTB
SLEEP0 Mode Standby Current
3V No load, all peripherals off,
WDT off
—
0.2
0.8
μA
5V
—
0.5
1.0
μA
SLEEP1 Mode Standby Current
3V No load, all peripherals off,
WDT on
—
1.3
5.0
μA
5V
—
2.2
10.0
μA
IDLE0 Mode Standby Current
3V No load, all peripherals off,
fSUB on
—
1.3
3
μA
5V
—
5
10
μA
IDLE1 Mode Standby Current
3V No load, all peripherals off,
fSUB on, fSYS=fHIRC=4MHz
—
0.4
0.8
mA
5V
—
0.5
1.0
mA
3V No load, all peripherals off,
fSUB on, fSYS=fHIRC=8MHz
—
0.8
1.6
mA
5V
—
1.0
2.0
mA
VLVR
Low Voltage Reset Voltage
— LVR enable, voltage select 1.7V
- 5%
1.7
+ 5%
V
VBG
Bandgap Reference Voltage
3V
—
-5%
1.0
+5%
V
ILVR
Additional Current for LVR Enable
3V
LVR disable → LVR enable
—
6
8
μA
5V
—
10
15
VIL
Input Low Voltage for I/O Ports or
Input Pins except RES Pin
5V
—
0
—
1.5
V
—
—
0
—
0.2VDD
V
Input Low Voltage for RES Pin
—
—
0
—
0.4VDD
V
VIH
Input High Voltage for I/O Ports or
Input Pins except RES Pin
5V
—
3.5
—
5
V
—
—
0.8VDD
—
VDD
V
Input High Voltage for RES Pin
—
—
0.9VDD
—
VDD
V
IOL
I/O Port Sink Current
1.8V VOL=0.1VDD
7
14
─
mA
3V VOL=0.1VDD
18
36
─
mA
5V VOL=0.1VDD
40
80
─
mA
IOH
I/O Port Source Current
3V VOH=0.9VDD
-3
-6
─
mA
5V VOH=0.9VDD
-7
-14
─
mA
RPH
Pull-high Resistance for I/O Ports
3V LVPU=0
20
60
100
kΩ
5V LVPU=0
10
30
50
kΩ
3V LVPU=1
6.67
15
23
kΩ
5V LVPU=1
3.5
7.5
12
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com