Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW830D1 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW830D1
Description  N-channel TO-220/I-PAK/D-PAK/TO-220F MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW830D1 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW830D1 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW830D1 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW830D1 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW830D1 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW830D1 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW830D1 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
July. 2014. Rev.3.0
Features
■ High ruggedness
■ R
DS(ON) (Max 1.54Ω)@VGS=10V
■ Gate Charge (Typ 17nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
N-channel TO-220/I-PAK/D-PAK/TO-220F MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220 TO-251 TO-252 TO-220F
V
DSS
Drain to Source Voltage
500
V
I
D
Continuous Drain Current (@T
C=25
oC)
5*
A
Continuous Drain Current (@T
C=100
oC)
3.2*
A
I
DM
Drain current pulsed
(note 1)
20
A
V
GS
Gate to Source Voltage
± 30
V
E
AS
Single pulsed Avalanche Energy
(note 2)
320
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
30
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
123.6
101.9
113.4
18.7
W
Derating Factor above 25oC
1.0
0.8
0.9
0.15
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-220 TO-251 TO-252 TO-220F
R
thjc
Thermal resistance, Junction to case
1.01
1.23
1.10
6.7
oC/W
R
thcs
Thermal resistance, Case to Sink
oC/W
R
thja
Thermal resistance, Junction to ambient
56.7
75.9
47
oC/W
1/6
*. Drain current is limited by junction temperature.
BV
DSS : 500V
I
D
: 5A
R
DS(ON) : 1.54Ω
SW830D1
SAMWIN
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW P 830
SW830D1
TO-220
TUBE
2
SW I 830
SW830D1
TO-251
TUBE
3
SW D 830
SW830D1
TO-252
REEL
4
SW F 830
SW830D1
TO-220F
TUBE
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. This power MOSFET is usually used at high efficient DC to DC converter
block and switch mode power supply.
1. Gate 2. Drain 3. Source
1
2
3
TO-220
TO-251
TO-252
1
1
2
2
3
3
TO-220F
1
2
3


Similar Part No. - SW830D1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW830 ETC1-SW830 Datasheet
545Kb / 6P
N-Channel MOSFET
logo
Xian Semipower Electron...
SW830 SEMIPOWER-SW830 Datasheet
375Kb / 5P
N-channel MOSFET
SW830A SEMIPOWER-SW830A Datasheet
746Kb / 7P
N-channel MOSFET
More results

Similar Description - SW830D1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP12NM50 STMICROELECTRONICS-STP12NM50 Datasheet
115Kb / 14P
N-CHANNEL 500V - 0.3W - 12A TO-220/TO-220FP/I PAK MDmesh]Power MOSFET
09-Mar-2005
logo
Xian Semipower Electron...
SW1N60C SEMIPOWER-SW1N60C Datasheet
742Kb / 7P
N-channel D-PAK/I-PAK/TO-92 MOSFET
SW4N60B SEMIPOWER-SW4N60B Datasheet
946Kb / 7P
N-channel I-PAK/D-PAK/TO-220F MOSFET
SW1N60D SEMIPOWER-SW1N60D Datasheet
663Kb / 6P
N-channel I-PAK/TO-92 MOSFET
SW2N60D SEMIPOWER-SW2N60D Datasheet
767Kb / 6P
N-channel I-PAK/D-PAK/TO220F MOSFET
SW4N60D SEMIPOWER-SW4N60D Datasheet
682Kb / 6P
N-channel TO-220F/I-PAKN/D-PAK MOSFET
SW4N60K SEMIPOWER-SW4N60K Datasheet
678Kb / 6P
N-channel TO-220F/I-PAK/D-PAK MOSFET
SW7N60K SEMIPOWER-SW7N60K Datasheet
682Kb / 6P
N-channel TO-220F/I-PAK MOSFET
SW50N06T SEMIPOWER-SW50N06T Datasheet
747Kb / 6P
N-channel D-PAK/TO-220 MOSFET
SW630A SEMIPOWER-SW630A Datasheet
453Kb / 5P
N-channel TO-220/D-PAK MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com