Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLP-16 Datasheet(PDF) 2 Page - Mini-Circuits

Part # VLP-16
Description  Low Pass Filters DC to 5400 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VLP-16 Datasheet(HTML) 2 Page - Mini-Circuits

  VLP-16 Datasheet HTML 1Page - Mini-Circuits VLP-16 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VLP-SERIES
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
Page 2 of 2
1.00
0.04
1.01
1000.00
0.38
1.22
2000.00
0.76
1.26
2430.00
2.99
3.41
3000.00
15.69
25.23
3450.00
25.14
37.40
4400.00
44.45
41.80
6000.00
36.71
56.48
8000.00
21.96
40.32
9000.00
21.54
19.37
Freq.
(MHz)
Insertion
Loss (dB)
VSWR
(:1)
VLP-24
INSERTION LOSS
0
10
20
30
40
50
60
0
1000 2000 3000 4000 5000 6000 7000 8000 9000
FREQUENCY (MHz)
VLP-24
VSWR
1
10
100
0
1000 2000 3000 4000 5000 6000 7000 8000 9000
FREQUENCY (MHz)
1.00
0.05
1.01
1000.00
0.45
1.18
1700.00
0.80
1.13
1980.00
2.56
2.78
2700.00
24.06
35.85
3300.00
45.92
38.05
3880.00
42.96
36.25
5000.00
36.56
43.07
7200.00
24.22
24.89
9000.00
7.43
5.58
Freq.
(MHz)
Insertion
Loss (dB)
VSWR
(:1)
VLP-20
INSERTION LOSS
0
5
10
15
20
25
30
35
40
45
50
0
1000 2000 3000 4000 5000 6000 7000 8000 9000
FREQUENCY (MHz)
VLP-20
VSWR
1
10
100
0
1000 2000 3000 4000 5000 6000 7000 8000 9000
FREQUENCY (MHz)
Freq.
(MHz)
Insertion
Loss (dB)
VSWR
(:1)
VLP-41
INSERTION LOSS
0
10
20
30
40
50
60
0
2000
4000
6000
8000
10000
12000
FREQUENCY (MHz)
VLP-41
VSWR
1
10
100
0
2000
4000
6000
8000
10000
12000
FREQUENCY (MHz)
Freq.
(MHz)
Insertion
Loss (dB)
VSWR
(:1)
VLP-54
INSERTION LOSS
0
10
20
30
40
50
0
2000
4000
6000
8000
10000
FREQUENCY (MHz)
VLP-54
VSWR
1
10
100
0
2000
4000
6000
8000
10000
FREQUENCY (MHz)
Typical Performance Data
Freq.
(MHz)
Insertion
Loss (dB)
VSWR
(:1)
VLP-64
INSERTION LOSS
0
10
20
30
40
0
3000
6000
9000
12000
15000
18000
FREQUENCY (MHz)
VLP-64
VSWR
1
10
100
0
3000
6000
9000
12000
15000
18000
FREQUENCY (MHz)
100.00
0.07
1.05
1000.00
0.28
1.23
2000.00
0.43
1.15
2600.00
0.55
1.16
3000.00
0.66
1.10
3400.00
0.78
1.12
4100.00
3.24
3.40
5500.00
23.02
66.72
7000.00
50.13
42.99
9000.00
28.20
36.42
11000.00
22.06
23.89
100.00
0.06
1.04
1000.00
0.27
1.19
2000.00
0.39
1.15
2600.00
0.49
1.16
3000.00
0.56
1.18
3400.00
0.59
1.15
4000.00
0.69
1.05
5400.00
3.23
3.69
7100.00
22.84
48.68
8000.00
41.39
35.82
9500.00
27.16
32.31
50.00
0.09
1.02
1000.00
0.16
1.04
2000.00
0.26
1.10
3000.00
0.38
1.19
4000.00
0.45
1.02
5400.00
0.73
1.11
6410.00
3.76
3.91
7000.00
9.80
11.81
9000.00
26.39
33.93
12000.00
37.61
49.56
15000.00
30.54
69.04
18000.00
27.29
55.01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com