Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLP-20 Datasheet(PDF) 1 Page - Mini-Circuits

Part # VLP-20
Description  Low Pass Filters DC to 5400 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VLP-20 Datasheet(HTML) 1 Page - Mini-Circuits

  VLP-20 Datasheet HTML 1Page - Mini-Circuits VLP-20 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical Specifications (TAMB=25°C)
Maximum Ratings
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
VSWR (:1)
POWER
INPUT*
(W)
Pmax.
STOP BAND (MHz)
(loss >40 dB)
(loss >20 dB)
Passband
Typ.
(loss < 1dB)
Typ.
* Derate linearly to 0.4* (Pmax.) at 100°C
Outline Drawing
CASE STYLE: FF704
PRICE: $24.95 ea. QTY (1-9)
• rugged unibody construction
• low insertion loss for passband, 0.7 dB typ.
• high power handling, up to 15W
• low cost
B
D
E
wt.
.461
1.42
.312 grams
11.71
36.07
7.92
10
Outline Dimensions (
)
inch
mm
inch
mm
fr20 dB
Typ.
VLP-11
DC-850
1078
1500
2000-3500
5500
1.2
16
VLP-16
DC-1350
1550
2100
2700-4000
7000
1.1
15
VLP-20
DC-1700
1980
2700
3300-3880
7200
1.1
14
VLP-24
DC-2000
2430
3400
4400
8000
1.2
10
VLP-41
DC-3300
4100
5500
—
11000
1.2
10
VLP-54
DC-4000
5400
7100
—
9500
1.2
10
VLP-64
DC-5400
6410
9000
—
18000
1.1
19
1.00
0.10
1.03
400.00
0.42
1.13
850.00
0.93
1.38
1078.00
3.07
2.91
1500.00
25.53
36.68
2000.00
46.14
57.67
3500.00
43.58
62.18
5000.00
32.07
59.99
7000.00
18.86
7.58
9000.00
21.82
19.83
Typical Performance Data/Curves
VLP-SERIES
DC to 5400 MHz
Low Pass Filters
Ultra-Reliable
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
NEW!
REV. A
M85674
VFL-11
ED-10545B/3
VFL-16
ED-10545B/1
VLF-20
ED-10545B/4
VLF-24
ED-10545B/8
VLF-41
ED-10545B/9
VLF-54
ED-10545B/10
VLF-64
ED-10545B/5
WZ/AD/CP
030325
Page 1 of 2
Freq.
(MHz)
Insertion
Loss (dB)
VSWR
(:1)
VLP-16
INSERTION LOSS
0
5
10
15
20
25
30
35
40
45
50
0
1000 2000 3000 4000 5000 6000 7000 8000 9000
FREQUENCY (MHz)
VLP-16
VSWR
1
10
100
0
1000 2000 3000 4000 5000 6000 7000 8000 9000
FREQUENCY (MHz)
Freq.
(MHz)
Insertion
Loss (dB)
VSWR
(:1)
VLP-11
INSERTION LOSS
0
5
10
15
20
25
30
35
40
45
50
0
1000 2000 3000 4000 5000 6000 7000 8000 9000
FREQUENCY (MHz)
VLP-11
VSWR
1
10
100
0
1000 2000 3000 4000 5000 6000 7000 8000 9000
FREQUENCY (MHz)
1.00
0.06
1.02
1000.00
0.57
1.06
1350.00
0.89
1.10
1550.00
3.01
3.08
1700.00
8.83
10.93
2100.00
24.47
42.44
2700.00
45.40
54.42
4000.00
43.77
56.34
7000.00
22.60
15.17
9000.00
20.52
3.84


Similar Part No. - VLP-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VLP-200-F ETC2-VLP-200-F Datasheet
197Kb / 1P
VERTICAL LIGHT PIPE
VLP-200-R ETC2-VLP-200-R Datasheet
196Kb / 1P
vertical light pipe
VLP-200-R ETC2-VLP-200-R Datasheet
197Kb / 1P
VERTICAL LIGHT PIPE
VLP-200-RF ETC2-VLP-200-RF Datasheet
196Kb / 1P
vertical light pipe
More results

Similar Description - VLP-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LFCN-6000 ETC-LFCN-6000 Datasheet
141Kb / 1P
Low Pass Filter DC to 6000 MHz
logo
Mini-Circuits
SCLF_SALF-SERIES MINI-SCLF_SALF-SERIES Datasheet
177Kb / 1P
Low Pass Filters 50??DC to 865 MHz
VLF-80 MINI-VLF-80 Datasheet
90Kb / 1P
Low Pass Filter DC to 80 MHz
VLF-225 MINI-VLF-225 Datasheet
89Kb / 1P
Low Pass Filter DC to 225 MHz
VLF-575 MINI-VLF-575 Datasheet
88Kb / 1P
Low Pass Filter DC to 575 MHz
VLF-800 MINI-VLF-800 Datasheet
89Kb / 1P
Low Pass Filter DC to 800 MHz
VLF-1000 MINI-VLF-1000 Datasheet
89Kb / 1P
Low Pass Filter DC to 1000 MHz
VLF-1400 MINI-VLF-1400 Datasheet
89Kb / 1P
Low Pass Filter DC to 1400 MHz
VLF-1525 MINI-VLF-1525 Datasheet
89Kb / 1P
Low Pass Filter DC to 1525 MHz
logo
Johanson Technology Inc...
5400BP39A0100 JOHANSON-5400BP39A0100 Datasheet
118Kb / 2P
5400 MHz Band Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com