Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZQLSC-SERIES Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZQLSC-SERIES
Description  Low Noise Amplifiers 50??600 to 2400 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZQLSC-SERIES Datasheet(HTML) 1 Page - Mini-Circuits

  ZQLSC-SERIES Datasheet HTML 1Page - Mini-Circuits ZQLSC-SERIES Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
REV.A
M93728
ZQLSC-1100
EDB020911
ZQLSC-2400
EDB020910
ZQLSC-SERIES
BLUECELL/TD/CP
040805
Page 1 of 2
Electrical Specifications (TAMB= 25°C)
Outline Drawing
Features
• high reliability balanced design
• noise figure, 0.6 dB typ.
• built-in alarm monitoring
• TTL alarm output, green/red alarm status LED
• voltage regulated/protected DC input
Applications
• low noise receiver
• digital cellular base stations
• TDMA, CDMA, GSM
• DCS, PCS, UMTS
Maximum Ratings
Operating Temperature
-40°C to 80°C case
-40°C to 60°C ambient
Storage Temperature
-55°C to 100°C
DC Voltage
+18Vmin., 36V max.
Outline Dimensions (
)
inch
mm
CASE
STYLE
PRICE
$
QTY.
(1-9)
GAIN
(dB)
MAXIMUM POWER
(dBm)
VSWR
(:1)
Max.
DC
POWER
Input
(no
damage)
Out
Max.
Current
(mA)
Volt1
Typ.
IP3
dBm
Typ.
In
INTER-
CEPT
POINT
Output
(1 dB Comp.)
Min.
Typ.
Typ.
Flatness
FREQ.
(MHz)
Max.
f
L - fU
Min.
MODEL
NO.
Typ.
NOISE
FIGURE
(dB)
Max.
Typ.
ZQLSC-SERIES
Low Noise Amplifiers
50
Ω 600 to 2400 MHz
NEW!
1 Other voltages available in the 6.5 to 60V range, please contact factory.
ZQLSC-1100
600-824
20
17.5
±.75
±1.0
0.6
1.1
18.5
16
10
32.5
2.0
2.0
24
185
GZ1067
295.00
824-849
19
17.5
±.15
±0.3
0.55
0.7
19
16
10
34
1.7
1.7
24
185
880-915
18.5
17
±0.2
±0.4
0.55
0.8
19
16
10
35
1.8
1.8
24
185
915-1100
17.5
15
±0.9
±1.2
0.6
1.0
19
16
10
35.5
1.8
1.8
24
185
ZQLSC-2400
1400-1850
17
13.5
±1.0
±2.5
0.8 1.15
19
17
10
37
1.7
1.6
24
185
GZ1067
295.00
1850-2000
15.6 12.5
±0.5
±1.0
0.9 1.25
20.5
17
10
35
1.5
1.6
24
185
2000-2400
13.2 10.5
±1.5
±2.0
1.1 1.65
20
17
10
34
1.6
1.9
24
185
Pin Connections
RF input
J1
RF output
J2
DC power input
5
TTL alarm output
1
Ground to test alarm, normally open
7*,9*
No connection
3,6,8
Ground
2,4
Alarm Functions
Normal:
TTL low output (0 to 0.8V), green LED
Alarm:
TTL high output (4 to 5V), red LED
DC & alarm connector:
9-pin male D-sub
*Grounding Pin 7 will sink 75mA of current through Pin 7
creating a high-current alarm condition inside the amplifiers.
A red LED and TTL high output will occur. Pin 7 floats at
+4.3V typ. when open.
*Grounding Pin 9 will sink 2mA of current through pin 9 and
creating a low-current alarm condition inside the amplifier. A
red LED and TTL high output will occur. Pin 9 floats at about
+0.6V typ. when open.
A
B
C
D
E
F
G
H
J
K
L
M
wt.
3.75
3.00
.80
.37
1.62
2.95
.36
.42
.55 2.650
.86 2.000 grams
95.25 76.20 20.32
9.40 41.15 74.93
9.14 10.67 13.97 67.31 21.84 50.80
260
CASE STYLE: GZ1067


Similar Part No. - ZQLSC-SERIES

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZQL-1900LN MINI-ZQL-1900LN Datasheet
205Kb / 2P
Low Noise Amplifier
ZQL-1900LN+ MINI-ZQL-1900LN+ Datasheet
205Kb / 2P
Low Noise Amplifier
ZQL-1900LNW MINI-ZQL-1900LNW Datasheet
199Kb / 2P
Low Noise Amplifier
ZQL-1900LNW+ MINI-ZQL-1900LNW+ Datasheet
199Kb / 2P
Low Noise Amplifier
ZQL-1900MLN MINI-ZQL-1900MLN Datasheet
222Kb / 2P
Low Noise Amplifier
More results

Similar Description - ZQLSC-SERIES

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8651 AD-AD8651 Datasheet
558Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
9/04-Data Sheet Changed from Rev. A to Rev. B
logo
Mini-Circuits
ZRL-2400LN MINI-ZRL-2400LN Datasheet
149Kb / 1P
Low Noise Amplifier 50??1000 to 2400 MHz
logo
Analog Devices
AD8651 AD-AD8651_06 Datasheet
484Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
logo
Pasternack Enterprises,...
PE1517 PASTERNACK-PE1517 Datasheet
387Kb / 2P
Low Noise Amplifier 50 to 1000 MHz
PE1518 PASTERNACK-PE1518 Datasheet
392Kb / 2P
Low Noise Amplifier 50 to 2000 MHz
logo
Analog Devices
AD8652ARMZ AD-AD8652ARMZ Datasheet
994Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8651ARMZ AD-AD8651ARMZ Datasheet
994Kb / 20P
50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
logo
Skyworks Solutions Inc.
SKY67012_396LF SKYWORKS-SKY67012_396LF Datasheet
2Mb / 15P
300 to 600 MHz Low-Noise, Low-Current Amplifier
SKY67012-396LF SKYWORKS-SKY67012-396LF Datasheet
2Mb / 15P
300 to 600 MHz Low-Noise, Low-Current Amplifier
logo
Qorvo, Inc
SPF5043Z QORVO-SPF5043Z Datasheet
1Mb / 14P
50 MHz to 4000 MHz Low-Noise Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com