Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20104FP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R2A20104FP
Description  Continuous Conduction Mode Interleaving PFC Control IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20104FP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R2A20104FP Datasheet HTML 4Page - Renesas Technology Corp R2A20104FP Datasheet HTML 5Page - Renesas Technology Corp R2A20104FP Datasheet HTML 6Page - Renesas Technology Corp R2A20104FP Datasheet HTML 7Page - Renesas Technology Corp R2A20104FP Datasheet HTML 8Page - Renesas Technology Corp R2A20104FP Datasheet HTML 9Page - Renesas Technology Corp R2A20104FP Datasheet HTML 10Page - Renesas Technology Corp R2A20104FP Datasheet HTML 11Page - Renesas Technology Corp R2A20104FP Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
R2A20104/114 Series
R03DS0008EJ0301 Rev.3.01
Page 9 of 11
Jan 08, 2016
Electrical Characteristics
(cont.)
(Ta = 25°C, VCC = 12 V, CT = 1000 pF, RT = 27 k
Ω, CS1, CS2 = GND, IRAMP = 10 kΩ, BO = 1 V, VAC = 0 V,
RS = 220 k
Ω, FMC = GND (*1), FM = GND (*2), FB = COMP)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Synchroni-
zation
SYNC threshold voltage
(rising)
Vsync
2.0
2.5
3.0
V
SYNC Min. pulse
Psync
2
—
—
μs
SYNC-OUT shunt current
(*1)
Isync-s
5.0
—
—
mA
SYNC-OUT leakage current
(*1)
Isync-l
—
—
1.0
μA
Current
slope
RS output voltage 1
Vrs1
0.56
0.65
0.74
V
VAC = 0 V, VFB = 2.5 V
RS output voltage 2
Vrs2
0.04
0.14
0.26
V
VAC = 2.5 V, VFB = 0 V
VAC bias current
Ivac
–0.4
–0.2
–0.05
μA
Measured pin: VAC
Soft start
Source current
Iss
–40
–28
–16
μA
SS = 2 V
Phase drop
Phase drop threshold
voltage (*1)
Vpd
2.4
2.5
2.6
V
Phase drop hysteresis (*1)
Hya-pd
150
200
250
mV
PD bias current (*1)
Ipd
0.05
0.2
0.5
μA
Measured pin: PD
AMP1, 2
CSO offset voltage1 (*5)
Voffset
0.68
0.88
1.0
V
Vcs = 0 V
CSO offset voltage1 (*6)
Voffset
0.54
0.74
0.86
V
Vcs = 0 V
CSO offset voltage2
Vcaoh
2.83
3
3.17
V
Vcs = 0.24 V (*5),
Vcs = 2.3 V (*6)
CS Bias current (*5)
Ics-r
–0.4
–0.2
–0.05
μA
Measured pin: CS1, 2
CS Bias current (*6)
Ics-ct
–1.1
–0.8
–0.5
μA
Measured pin: CS1, 2
Gate drive
1, 2
Gate drive rise time
tr-gd
—
30
100
ns
CL = 500 pF
Gate drive fall time
tf-gd
—
30
100
ns
CL = 500 pF
Gate drive low voltage
Vol1-gd
—
0.05
0.2
V
Isink = 10 mA
Vol2-gd
—
1
1.25
V
Isink = 0.25 mA, VCC = 5 V
Gate drive high voltage
Voh-gd
11.5
11.9
—
V
Isource = –10 mA
Minimum duty cycle
Dmin-out
—
—
0
%
Maximum duty cycle
Dmax-out
90
95
98
%
Over
voltage
protection
Dynamic OVP Threshold
voltage
Vdovp
VFB
×
1.025
VFB
×
1.040
VFB
×
1.055
V
Static OVP Threshold
voltage
Vsovp
VFB
×
1.065
VFB
×
1.080
VFB
×
1.095
V
COMP = OPEN
Static OVP Hysteresis
Hys-sovp
30
80
130
mV
COMP = OPEN
OVP2 Threshold voltage (*1)
Vovp2
VFB
×
1.065
VFB
×
1.080
VFB
×
1.095
μA
OVP2 Hysteresis (*1)
Hys-ovp2
30
80
130
mV
COMP = OPEN
OVP2 Bias current (*1)
Iovp2
–0.5
–0.3
–0.05
μA
Measured pin: OVP2
FB Open Detect Threshold
voltage
Vfbopen
0.45
0.5
0.55
V
FB Open Detect hysteresis
Vfbopen
0.16
0.2
0.24
V
Over
current
protection
OCP Threshold voltage (*5)
VCL
0.28
0.31
0.34
V
OCP Threshold voltage (*6)
VCL
2.9
3
3.1
V
Delay to output
td-CL
—
100
250
ns
Notes: *1 Applied to R2A20104FP, R2A20114FP
*2 Applied to R2A20104SP, R2A20114SP
*5 Applied to R2A20114FP, R2A20114SP
*6 Applied to R2A20104FP, R2A20104SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com