Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9013 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PS9013
Description  1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9013 Datasheet(HTML) 2 Page - Renesas Technology Corp

  PS9013 Datasheet HTML 1Page - Renesas Technology Corp PS9013 Datasheet HTML 2Page - Renesas Technology Corp PS9013 Datasheet HTML 3Page - Renesas Technology Corp PS9013 Datasheet HTML 4Page - Renesas Technology Corp PS9013 Datasheet HTML 5Page - Renesas Technology Corp PS9013 Datasheet HTML 6Page - Renesas Technology Corp PS9013 Datasheet HTML 7Page - Renesas Technology Corp PS9013 Datasheet HTML 8Page - Renesas Technology Corp PS9013 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PS9013
Chapter Title
R08DS0136EJ0100 Rev.1.00
Page 2 of 15
Mar 11, 2016
PACKAGE DIMENSIONS (UNIT: mm)
Weight:0.119g (typ.)
PHOTOCOUPLER CONSTRUCTION
Parameter
MIN.
Air Distance
8 mm
Outer Creepage Distance
8 mm
Isolation Distance
0.15 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com