Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD212902PAL Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD212902PAL
Description  PRECISION N-CHANNEL EPAD MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER MATCHED PAIR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD212902PAL Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD212902PAL Datasheet HTML 1Page - Advanced Linear Devices ALD212902PAL Datasheet HTML 2Page - Advanced Linear Devices ALD212902PAL Datasheet HTML 3Page - Advanced Linear Devices ALD212902PAL Datasheet HTML 4Page - Advanced Linear Devices ALD212902PAL Datasheet HTML 5Page - Advanced Linear Devices ALD212902PAL Datasheet HTML 6Page - Advanced Linear Devices ALD212902PAL Datasheet HTML 7Page - Advanced Linear Devices ALD212902PAL Datasheet HTML 8Page - Advanced Linear Devices ALD212902PAL Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ALD212902
Advanced Linear Devices
2 of 12
Notes:
1
Consists of junction leakage currents
OPERATING ELECTRICAL CHARACTERISTICS
V+ = +5V V- = GND TA = 25°C unless otherwise specified
ALD212902
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Gate Threshold Voltage
VGS(th)
0.18
0.20
0.22
V
IDS =20µA, VDS = 0.1V
Offset Voltage
VOS
210
mV
VGS(th)M1 - VGS(th)M2
Offset Voltage Tempco
TCVOS
5
µV/°CVDS1 = VDS
GateThreshold Voltage Tempco
TCVGS(th)
-1.7
mV/°CID = 20µA, VDS = 0.1V
0.0
ID = 760µA, VDS = 0.1V
+1.6
ID = 1.5mA, VDS = 0.1V
On Drain Current
IDS(ON)
79
mA
VGS = +3.2V, VDS = +3V
85
µAVGS = +0.3V, VDS = +0.1V
Forward Transconductance
GFS
38
mmho
VGS = +3.2V
VDS = +3.0V
Transconductance Mismatch
∆GFS
1.8
%
Output Conductance
GOS
2.3
mmho
VGS = +3.2V
VDS = +3.0V
Drain Source On Resistance
RDS(ON)
14
Ω
VGS = +5.2V
VDS = +0.1V
Drain Source On Resistance
RDS(ON)
5KΩ
VGS = +0.2V, VDS = +0.1V
1.18
VGS = +0.3V, VDS = +0.1V
Drain Source On Resistance
∆RDS(ON)
1.8
%
VGS = +5.2V
Tolerance
VDS = +0.1V
Drain Source On Resistance
∆RDS(ON)
0.6
%
Mismatch
Drain Source Breakdown
BVDSX
10
V
V- = VGS = -0.8V
Voltage
IDS = 10µA
Drain Source Leakage Current1
IDS(OFF)
10
400
pA
VGS = -0.8V, VDS = +5V
V- = -5V
4nA
TA = 125°C
Gate Leakage Current1
IGSS
5
200
pA
VGS = +5V, VDS = 0V
1nA
TA = 125°C
Input Capacitance
CISS
30
pF
Transfer Reverse Capacitance
CRSS
2pF
Turn-on Delay Time
ton
10
ns
V+ = 5V, RL = 5KΩ
Turn-off Delay Time
toff
10
V+ = 5V, RL = 5KΩ
Crosstalk
60
dB
f = 100KHz
ABSOLUTE MAXIMUM RATINGS
Drain-Source voltage, VDS
10.6V
Gate-Source voltage, VGS
10.6V
Operating Current
80mA
Power dissipation
500mW
Operating temperature range SAL, PAL
0°C to +70°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com