Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8902 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS8902
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 14.5 mm
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8902 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS8902 Datasheet HTML 1Page - Renesas Technology Corp PS8902 Datasheet HTML 2Page - Renesas Technology Corp PS8902 Datasheet HTML 3Page - Renesas Technology Corp PS8902 Datasheet HTML 4Page - Renesas Technology Corp PS8902 Datasheet HTML 5Page - Renesas Technology Corp PS8902 Datasheet HTML 6Page - Renesas Technology Corp PS8902 Datasheet HTML 7Page - Renesas Technology Corp PS8902 Datasheet HTML 8Page - Renesas Technology Corp PS8902 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PS8902
R08DS0128EJ0100 Rev. 1.00
Page 3 of 15
Aug 24, 2015
PHOTOCOUPLER CONSTRUCTION
Parameter
Unit (MIN.)
Air Distance
14.5 mm
Outer Creepage Distance
14.5 mm
Isolation Distance
0.4 mm
MARKING EXAMPLE
9905
R
N231
2
N
31
No. 1 pin
Mark
Year Assembled
(Last 1 Digit)
Rank Code
Week Assembled
Assembly Lot
Type Number
Company Initial
R
8902
N425
N425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com