Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7M2126 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7M2126
Description  PIR Detector Miniaturized Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7M2126 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7M2126 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7M2126 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7M2126 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7M2126 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7M2126 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7M2126 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7M2126 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7M2126 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7M2126 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Rev. 1.20
3
June 17, 2016
HT7M2126/27/36/56/76
Interface & Pin Assignment – Stand-alone Mode
Pin #
Function
Description
1
VSS
Negative power supply, GND
2
VDD
Positive power supply
3
STATUS
Warm-up/Detecting/Low voltage status
4
TRO
PIR trigger output
5
FTS
Photo transistor signal
6
VSS
Negative power supply, GND
7
MODE/DT
Mode & Duration time Selection
8
TP1
No connection (Test pin)
ThedefaultconfigurationsfortheStand-aloneModeareasfollow:
1. Continuous trigger mode
2. The TRO pin will output a high pulse signal when an available trigger is detected. The high pulse duration is
determined by the external pull�low resistance of (RA+RT) together with the capacitance of CTwithafixedvalue
of0.22μF.
External capacitance CT = 0.22uF*, VDD = 3.3V
RA+RT Resistance (Ω)
1.8K
2.2K
2.7K
3K
3.3K
3.6K
3.9K
TRO output duration time *
3sec.
10sec.
38sec.
1mins.
3mins.
5mins.
10mins.
Note: (a) The TRO output high duration is 30 seconds in default if there is no external capacitor CT.
(b) The value of the resistance, capacitance and TRO output duration time in the above table is used for ref�
erence only.
3. The STATUS pin will output various types of signals corresponding to the device in the warm�up mode, standby
detection mode or low operating voltage mode where the operating voltage is lower than 2.7V respectively.
(a) Warm-upmode:Atoggleoutputwithafrequencyof2.5HzwillbeoutputontheSTATUSpin.
STATUS
(f=2.5Hz)
(b) Standy detection mode: A signal composed of a low pulse of 10ms and a high pulse of 4s will continuously
be output on the STATUS pin.
STATUS
10ms
10ms
4s
4s
10ms
Output signal
(c)Lowvoltagemode:Twolowpulseswithawidthof10mswillfirstbeoutputontheSTATUSpinandthe
time duration between these two low pulses is 80ms. Then a high pulse with the width of 1 second will con�
secutively be output. Such an output signal will continuously be output on the STATUS pin.
STATUS
10ms
10ms
1s
80ms
10ms
10ms
80ms
10ms
1s
10ms
80ms
1s
Output signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com