Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8043
Description  Four-Port USB 3.1 Gen1 Hub
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8043 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB8043 Datasheet HTML 9Page - Texas Instruments TUSB8043 Datasheet HTML 10Page - Texas Instruments TUSB8043 Datasheet HTML 11Page - Texas Instruments TUSB8043 Datasheet HTML 12Page - Texas Instruments TUSB8043 Datasheet HTML 13Page - Texas Instruments TUSB8043 Datasheet HTML 14Page - Texas Instruments TUSB8043 Datasheet HTML 15Page - Texas Instruments TUSB8043 Datasheet HTML 16Page - Texas Instruments TUSB8043 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
13
TUSB8043
www.ti.com
SLLSEW4 – JUNE 2017
Product Folder Links: TUSB8043
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Battery Charging Features
The TUSB8043 provides support for USB Battery Charging (BC1.2) and custom charging. Battery charging
support may be enabled on a per port basis through the REG_6h(batEn[3:0]).
USB Battery charging support includes both Charging Downstream Port (CDP) and Dedicated Charging Port
(DCP) modes. The DCP mode is compliant with the Chinese Telecommunications Industry Standard YD/T 1591-
2009. CDP is enabled when the upstream port has detected valid VBUS, configured, and host sets port power.
When the upstream port is not connected and battery charging support is enabled, the TUSB8043 will enable
DCP mode.
In addition to USB Battery charging (BC1.2), the TUSB8043 supports custom charging indications: Divider
Charging (ACP3, ACP2, ACP1 modes), and Galaxy compatible charging. These custom charging modes are
only supported when upstream port is unconnected and AUTOMODE is enabled. When in AUTOMODE and
upstream port is disconnected, the port will automatically transition from ACP mode to the DCP mode depending
on the portable device connected. The divided mode places a fixed DC voltage on the ports DP and DM signals
which allows some devices to identify the capabilities of the charger. The default divider mode indicates support
for up to 10W (ACP3). The divider mode can be configured to report a lower-current setting (up to 5 W) through
REG_0Ah (HiCurAcpModeEn).
When the upstream port is not connected and battery charging support is enabled for a port, the TUSB8043
drives the port power enable active. If AUTOMODE is disabled, then DCP mode is used. If AUTOMODE is
enabled and FullAutoEn bit is cleared (Reg_25h Bit 0), then TUSB8043 will start with highest enabled divider
current mode (ACPx). The TUSB8043 will remain in highest current mode as long as a pull-up is not detected on
DP pin. If an pull-up is detected on DP pin, then TUSB8043 will drive the port power enable inactive and switch
to Galaxy mode, if enabled, or to DCP mode if Galaxy mode is disabled. The TUSB8043 will again drive the port
power enable active. The TUSB8043 will remain in Galaxy mode as long as no pull-up is detected on DP pin. If
an pull-up is detected on DP pin, then TUSB8043 will drive the port power enable inactive and transition to DCP
mode. The TUSB8043 will again drive the port power enable active. In DCP mode, the TUSB8043 will look for a
pull-up detected on DP pin or RxVdat. If a pull-up or RxVdat is detected on DP, the TUSB8043 will remain in
DCP mode. If no pull-up or RxVdat is detected on DP pin after 2 seconds, the TUSB8043 will drive the port
power enable inactive and transition back to ACPx mode. This sequence will repeat until upstream port is
connected.
When Automatic mode is enabled and full automatic mode (FullAutoEn Reg_25h bit 0) is enabled, TUSB8043
will perform same sequence described in previous paragraph with the addition of attempting all supported ACPx
modes before sequencing to Galaxy Mode (if enabled) or DCP mode.
The supported battery charging modes when TUSB8043 configured for SMBus or external EEPROM is detailed
in Battery Charging Modes with SMBus/EEPROM Table.
The supported battery charging modes when TUSB8043 configured for I2C but without an external EEPROM is
determined by the sampled state of the pins. These modes are detailed in Battery Charging Modes without
EEPROM Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com