Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2DBF Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # US2DBF
Description  Surface Mount Ultrafast Recovery Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

US2DBF Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  US2DBF Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. US2DBF Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. US2DBF Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline SMBF symbol
1
2
Top View
Marking Code: U2AB~U2MB
Page 1 of 3
US2ABF THRU US2MBF
Surface Mount Ultrafast Recovery Rectifier
Reverse Voltage – 50V~1000 V
Forward Current – 2.0 A
FEATURES
For surface mounted applications
Low profile package
Glass Passivated Chip Junction
Easy to pick and place
High efficiency
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SMBF
Terminals: Solderable per MIL-STD-750, Method 2026
pprox. Weight: 5
•
•
•
•
•
•
•
•
• A
7mg / 0.002oz
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
Maximum Instantaneous Forward Voltage at 2 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum DC Reverse Current
= 25
°C
at Rated DC Blocking Voltage
T =125
°C
a
Ta
Maximum Reverse Recovery Time
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Symbols
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
2
55
1.3
5
100
50
75
-55 ~ +150
A
A
V
μA
ns
°C
Maximum Ratings and Electrical characteristics
Units
T , T
j
stg
trr
Typical Thermal Resistance
RθJA
R
θJC
60
18
°C/W
1.65
1.0
Maximum Average Forward Rectified Current
at T = 125
°C
c
(1)
(2)
US2ABF
US2BBF
US2DBF
US2GBF
US2JBF
US2KBF
US2MBF
.
(2)
(1)Measured with I = 0.5 A, I = 1 A, I = 0.25 A
F
R
rr
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
2016 Rev 1.0


Similar Part No. - US2DBF

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
US2DBF YFWDIODE-US2DBF Datasheet
89Kb / 3P
Surface MountUltrafast Recovery Rectifier
logo
Microdiode Semiconducto...
US2DBF CHENDA-US2DBF Datasheet
602Kb / 2P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Guangdong Juxing Electr...
US2DBF JUXING-US2DBF Datasheet
634Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Zibo Seno Electronic En...
US2DBF ZSELEC-US2DBF Datasheet
102Kb / 2P
2.0A SURFACE MOUNT ULTRAFAST DIODE
logo
Gaomi Xinghe Electronic...
US2DBF GXELECTRONICS-US2DBF Datasheet
630Kb / 2P
2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results

Similar Description - US2DBF

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
US2AF YFWDIODE-US2AF Datasheet
127Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US2AW YFWDIODE-US2AW Datasheet
83Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US2AF-SMAF YFWDIODE-US2AF-SMAF Datasheet
419Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US2AW-SOD123FL YFWDIODE-US2AW-SOD123FL Datasheet
420Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Shanghai Yint Electroni...
US3AF YINT-US3AF Datasheet
469Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US5ABF YINT-US5ABF Datasheet
473Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
UF3X HORNBY-UF3X Datasheet
280Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US5ABF YFWDIODE-US5ABF Datasheet
476Kb / 3P
Surface Mount Ultrafast Recovery Rectifier
logo
SHIKUES Electronics
US1AW SKTECHNOLGY-US1AW Datasheet
828Kb / 4P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
US2AG SKTECHNOLGY-US2AG Datasheet
552Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com