Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USF5G48 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # USF5G48
Description  TOSHIBA THYRISTOR SILICON PLANAR TYPE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

USF5G48 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  USF5G48 Datasheet HTML 1Page - Toshiba Semiconductor USF5G48 Datasheet HTML 2Page - Toshiba Semiconductor USF5G48 Datasheet HTML 3Page - Toshiba Semiconductor USF5G48 Datasheet HTML 4Page - Toshiba Semiconductor USF5G48 Datasheet HTML 5Page - Toshiba Semiconductor USF5G48 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SF5G48,SF5J48,USF5G48,USF5J48
2001-07-13
2
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
RATING
UNIT
SF5G48
USF5G48
400
SF5J48
Repetitive Peak
Off−State Voltage
and Repetitive Peak
Reverse Voltage
USF5J48
VDRM
VRRM
600
V
SF5G48
USF5G48
500
SF5J48
Non−Repetitive Peak
Reverse Voltage
(Non−Repetitive < 5ms
Tj = 0~125°C)
USF5J48
VRSM
720
V
Average On−State Current
IT (AV)
5
A
R.M.S On−State Current
IT (RMS)
7.8
A
80 (50Hz)
Peak One Cycle Surge On−State
Current (Non−Repetitive)
ITSM
88 (60Hz)
A
I
2
t Limit Value
I
2
t
32
A
2
s
Critical Rate of Rise of
On−State Current
(Note 1)
di /dt
100
A / µs
Peak Gate Power Dissipation
PGM
5
W
Average Gate Power Dissition
PG (AV)
0.5
W
Peak Forward Gate Voltage
VFGM
10
V
Peak Reverse Gate Voltage
VRGM
−5
V
Peak Forward Gate Current
IGM
2
A
Junction Temperature
Tj
−40~125
°C
Strage Temperature Range
Tstg
−40~125
°C
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Repetitive Peak Off−State Current
and Repetitive Peak Reverse
IDRM
IRRM
VDRM = VRRM = Rated
―
―
10
µA
Peak On−State Voltage
VTM
ITM = 15A
―
―
1.5
V
Gate Trigger Voltage
VGT
―
―
1.0
V
Gate Trigger Current
IGT
VD = 6V, RL = 10Ω
―
―
10
mA
Gate Non−Trigger Voltage
VGD
VD = Rated × 2 / 3, Tc = 125°C
0.2
―
―
V
Critical Rate of Rise of Off−State
Voltage
dv / dt
VDRM = Rated, Tc = 125°C
Exponential Rise
―
50
―
V / µs
Holding Current
IH
VD = 6V, ITM = 1A
―
―
40
mA
Latching Current
IL
VD = 6V, f = 50Hz
tgw = 50µs, iG = 30mA
―
―
50
mA
Thermal Resistance
Rth (j−c)
Junction to Case, DC
―
―
3.2
°C / W
Note 1:
VDRM = 0.5 × Rated
ITM ≤ 15A
tgw ≥ 10µs
tgr ≤ 250ns
igp = IGT × 2.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com